Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54T04 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54T04
Description  Single 12-Bit 750Msps Receiver and Feedback IC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS54T04 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS54T04 Datasheet HTML 4Page - Texas Instruments ADS54T04 Datasheet HTML 5Page - Texas Instruments ADS54T04 Datasheet HTML 6Page - Texas Instruments ADS54T04 Datasheet HTML 7Page - Texas Instruments ADS54T04 Datasheet HTML 8Page - Texas Instruments ADS54T04 Datasheet HTML 9Page - Texas Instruments ADS54T04 Datasheet HTML 10Page - Texas Instruments ADS54T04 Datasheet HTML 11Page - Texas Instruments ADS54T04 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
ADS54T01
SLAS918 – DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 750Msps, 50%
clock duty cycle, AVDD33 = 3.3V, AVDDC/AVDD18/DVDD/DVDDLVDS/IOVDD = 1.8V, –1dBFS differential input (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
UNITS
Auto Correction
Enabled
Disabled
Vpp
DYNAMIC AC CHARACTERISTICS(1) – Burst Mode Enabled: 12bit High Resolution Output Data
fIN = 10 MHz
61.1
61.2
fIN = 100 MHz
61.1
61.1
SNR
Signal to Noise Ratio
fIN = 230 MHz
59
60.7
60.9
dBFS
fIN = 450 MHz
59.9
60.5
fIN = 700 MHz
58.6
59.6
fIN = 10 MHz
81
83
fIN = 100 MHz
76
81
Second and third harmonic
HD2,3
fIN = 230 MHz
78
79
dBc
distortion
fIN = 450 MHz
75
76
fIN = 700 MHz
74
76
fIN = 10 MHz
78
79
fIN = 100 MHz
68
75
77
Spur Free Dynamic Range
Non
(excluding second and third
fIN = 230 MHz
73
73
dBc
HD2,3
harmonic distortion)
fIN = 450 MHz
68
69
fIN = 700 MHz
64
66
fIN = 10 MHz
90
87
fIN = 100 MHz
84
82
IL
Fs/2-Fin interleaving spur
fIN = 230 MHz
65
79
76
dBc
fIN = 450 MHz
72
72
fIN = 700 MHz
66
69
fIN = 10 MHz
61.0
61.1
fIN = 100 MHz
60.8
61.0
Signal to noise and distortion
SINAD
fIN = 230 MHz
57.5
60.5
60.8
dBc
ratio
fIN = 450 MHz
59.8
60.3
fIN = 700 MHz
58.4
59.4
fIN = 10 MHz
76
76
fIN = 100 MHz
73
76
THD
Total Harmonic Distortion
fIN = 230 MHz
66
74
74
dBc
fIN = 450 MHz
74
73
fIN = 700 MHz
72
74
Fin = 184.5 and 185.5MHz,
82
83
–7dBFS
IMD3
Inter modulation distortion
dBFS
Fin = 549.5 and 550.5MHz,
76
77
–7dBFS
Crosstalk
90
90
dB
ENOB
Effective number of bits
fIN = 230 MHz
9.8
9.8
LSB
(1)
SFDR and SNR calculations do not include the DC or Fs/2 bins when Auto Correction is disabled.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS54T01


Similar Part No. - ADS54T04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04IZAY TI-ADS54T04IZAY Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04IZAYR TI-ADS54T04IZAYR Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
More results

Similar Description - ADS54T04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
LM97937 TI1-LM97937 Datasheet
4Mb / 80P
[Old version datasheet]   Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Texas Instruments
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com