Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54T01IZAYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54T01IZAYR
Description  Single 12-Bit 750Msps Receiver and Feedback IC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS54T01IZAYR Datasheet(HTML) 1 Page - Texas Instruments

  ADS54T01IZAYR Datasheet HTML 1Page - Texas Instruments ADS54T01IZAYR Datasheet HTML 2Page - Texas Instruments ADS54T01IZAYR Datasheet HTML 3Page - Texas Instruments ADS54T01IZAYR Datasheet HTML 4Page - Texas Instruments ADS54T01IZAYR Datasheet HTML 5Page - Texas Instruments ADS54T01IZAYR Datasheet HTML 6Page - Texas Instruments ADS54T01IZAYR Datasheet HTML 7Page - Texas Instruments ADS54T01IZAYR Datasheet HTML 8Page - Texas Instruments ADS54T01IZAYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
12bit
750Msps
INA
Clk
Buffer
CLKIN
SYNC
DA[11:0]
Digital Block
Burst Mode
TRIGGER
2x Decimation
DACLK
ADS54T01
www.ti.com
SLAS918 – DECEMBER 2012
Single 12-Bit 750Msps Receiver and Feedback IC
Check for Samples: ADS54T01
1
FEATURES
Power Dissipation: 1.2W
Performance at fin = 230 MHz IF
Single Channel
SNR: 60.7 dBFS
12-Bit Resolution
SFDR: 73 dBc
Maximum Clock Rate: 750 Msps
Performance at fin = 700 MHz IF
Low Swing Fullscale Input: 1.0 Vpp
SNR: 58.6 dBFS
Analog Input Buffer with High Impedance Input
SFDR: 64 dBc
Input Bandwidth (3dB): >1.2GHz
Receive Mode: 2x Decimation with Low Pass
Data Output Interface: DDR LVDS
or High Pass Filter
196-Pin BGA Package (12x12mm)
Feedback Mode: Burst Mode Output for Full
Bandwidth DPD Feedback
Number of
Device Part No.
Speed Grade
Channels
ADS54T02
2
750 Msps
ADS54T01
1
750 Msps
ADS54T04
2
500 Msps
APPLICATIONS
Telecommunications Receiver
Power Amplifier Linearization
DESCRIPTION
The ADS54T01 is a high linearity single channel 12-bit, 750 MSPS analog-to-digital converter (ADC) easing front
end filter design for wide bandwidth receivers. The analog input buffer isolates the internal switching of the on-
chip track-and-hold from disturbing the signal source as well as providing a high-impedance input.
Two output modes are available for the output data – it can be decimated by two or the data can be output in
burst mode. The burst mode output is designed specifically for DPD feedback applications where high resolution
output data is available for a short period of time. Designed for high SFDR, the ADC has low-noise performance
and outstanding spurious-free dynamic range over a large input-frequency range. The device is available in a
196pin BGA package and is specified over the full industrial temperature range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS54T01IZAYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
More results

Similar Description - ADS54T01IZAYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
LM97937 TI1-LM97937 Datasheet
4Mb / 80P
[Old version datasheet]   Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
logo
List of Unclassifed Man...
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Texas Instruments
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com