Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC10 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC10
Description  10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC10 Datasheet(HTML) 1 Page - Analog Devices

  DAC10 Datasheet HTML 1Page - Analog Devices DAC10 Datasheet HTML 2Page - Analog Devices DAC10 Datasheet HTML 3Page - Analog Devices DAC10 Datasheet HTML 4Page - Analog Devices DAC10 Datasheet HTML 5Page - Analog Devices DAC10 Datasheet HTML 6Page - Analog Devices DAC10 Datasheet HTML 7Page - Analog Devices DAC10 Datasheet HTML 8Page - Analog Devices DAC10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
DAC10*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
10-Bit High Speed Multiplying D/A Converter
(Universal Digital Logic Interface)
FEATURES
Fast Settling: 85 ns
Low Full-Scale Drift: 10 ppm/ C
Nonlinearity to 0.05% Max Over Temperature Range
Complementary Current Outputs: 0 mA to 4 mA
Wide Range Multiplying Capability: 1 MHz Bandwidth
Wide Power Supply Range: +5, –7.5 Min to
18 V Max
Direct Interface to TTL, CMOS, ECL, PMOS, NMOS
Availability in Die Form
GENERAL DESCRIPTION
The DAC10 series of 10-bit monolithic multiplying digital-to-
analog converters provide high speed performance and full-scale
accuracy.
Advanced circuit design achieves 85 ns settling times with very
low “glitch” energy and low power consumption. Direct inter-
face to all popular logic families with full noise immunity is
provided by the high swing, adjustable threshold logic inputs.
SIMPLIFIED SCHEMATIC
2
4
IOUT
IOUT
V+
VLC
MSB
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
LSB
15
1
5
6
7
8
9
10
11
12
13
14
BIAS NETWORK
CURRENT SWITCHES
REFERENCE
AMPLIFIER
16
17
VREF (+)
VREF (–)
COMP
V–
18
3
All DAC10 series models guarantee full 10-bit monotonicity,
and nonlinearities as tight as +0.05% over the entire operating
temperature range are available. Device performance is essen-
tially unchanged over the
± 18 V power supply range, with
85 mW power consumption attainable at lower supplies.
A highly stable, unique trim method is used, which selectively
shorts Zener diodes, to provide 1/2 LSB full-scale accuracy
without the need for laser trimming.
Single-chip reliability, coupled with low cost and outstanding
flexibility, make the DAC10 device an ideal building block for
A/D converters, Data Acquisition systems, CRT displays, pro-
grammable test equipment and other applications where low
power consumption, input/output versatility and long-term
stability are required.
*Protected by Patent Nos. 4,055,770, 4,056,740 and 4,092,639.


Similar Part No. - DAC10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC10 AD-DAC10 Datasheet
460Kb / 10P
   10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
logo
ETA-USA
DAC10 ETA-USA-DAC10 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-12 ETA-USA-DAC10-12 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
More results

Similar Description - DAC10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC10FX AD-DAC10FX Datasheet
460Kb / 10P
   10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CP AD-DAC08CP Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com