Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5403 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5403
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5403 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5403 Datasheet HTML 1Page - Texas Instruments ADS5403 Datasheet HTML 2Page - Texas Instruments ADS5403 Datasheet HTML 3Page - Texas Instruments ADS5403 Datasheet HTML 4Page - Texas Instruments ADS5403 Datasheet HTML 5Page - Texas Instruments ADS5403 Datasheet HTML 6Page - Texas Instruments ADS5403 Datasheet HTML 7Page - Texas Instruments ADS5403 Datasheet HTML 8Page - Texas Instruments ADS5403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
12bit
800Msps
12bit
800Msps
INA
INB
CLKIN
SYNC
DA[11 :0]
DB[11 :0]
Digital
Block
Digital
Block
Clk
Buffer
DACLK
DBCLK
ADS5402
www.ti.com
SLAS936 – MARCH 2013
Dual 12-Bit 800Msps Analog-to-Digital Converter
Check for Samples: ADS5402
1
FEATURES
Dual Channel
KEY SPECIFICATIONS
12-Bit Resolution
Power Dissipation: 1.1 W/ch
Maximum Clock Rate: 800 Msps
Spectral Performance at fin = 230 MHz IF
Low Swing Fullscale Input: 1.0 Vpp
SNR: 61.3 dBFS
Analog Input Buffer with High Impedance Input
SFDR: 74 dBc
Input Bandwidth (3dB): >1.2GHz
Spectral Performance at fin = 700 MHz IF
Data Output Interface: DDR LVDS
SNR: 59.8 dBFS
Optional 2x Decimation with Low Pass or High
SFDR: 69 dBc
Pass Filter
Number of
196-Pin BGA Package (12x12mm)
Device Part No.
Speed Grade
Channels
ADS5402
2
800Msps
APPLICATIONS
ADS5401
1
800Msps
Test and Measurement Instrumentation
ADS5404
2
500Msps
Ultra-Wide Band Software Defined Radio
ADS5403
1
500Msps
Data Acquisition
Power Amplifier Linearization
Signal Intelligence and Jamming
Radar and Satellite Systems
Microwave Receivers
Cable Infrastructure
Non-Destructive Testing
DESCRIPTION
The ADS5402 is a high linearity dual channel 12-bit, 800 Msps analog-to-digital converter (ADC) easing front end
filter design for wide bandwidth receivers. The analog input buffer isolates the internal switching of the on-chip
track-and-hold from disturbing the signal source as well as providing a high-impedance input. Optionally the
output data can be decimated by two. Designed for high SFDR, the ADC has low-noise performance and very
good spurious-free dynamic range over a large input-frequency range. The device is available in a 196-pin BGA
package and is specified over the full industrial temperature range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5403 TI1-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 40P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5403 TI-ADS5403 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5403 TI1-ADS5403 Datasheet
1Mb / 44P
[Old version datasheet]   Single Channel 12-Bit 500Msps Analog to Digital Converter
More results

Similar Description - ADS5403

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Burr-Brown (TI)
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
DATEL, Inc.
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com