Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6208CHRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6208CHRZ
Description  High Voltage Synchronous Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208CHRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6208CHRZ Datasheet HTML 3Page - Intersil Corporation ISL6208CHRZ Datasheet HTML 4Page - Intersil Corporation ISL6208CHRZ Datasheet HTML 5Page - Intersil Corporation ISL6208CHRZ Datasheet HTML 6Page - Intersil Corporation ISL6208CHRZ Datasheet HTML 7Page - Intersil Corporation ISL6208CHRZ Datasheet HTML 8Page - Intersil Corporation ISL6208CHRZ Datasheet HTML 9Page - Intersil Corporation ISL6208CHRZ Datasheet HTML 10Page - Intersil Corporation ISL6208CHRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ISL6208C
11
FN8395.0
November 29, 2012
Package Outline Drawing
L8.2x2D
8 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE (DFN) WITH EXPOSED PAD
Rev 0, 3/11
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
PIN #1
B
0.10M
A
C
C
SEATING PLANE
BASE PLANE
0.08
0.10
SEE DETAIL "X"
C
C
0 . 00 MIN.
0 . 05 MAX.
0 . 2 REF
C
INDEX AREA
PIN 1
6
(4X)
0.15
A
B
1
PACKAGE
2.00
1.55±0.10
0.90±0.10
0.22
( 6x0.50 )
( 8x0.22 )
2.00
2.00
( 8x0.30 )
( 8x0.20 )
( 8x0.30 )
0.50
8
0.90
1.55
6x
0.90±0.10
INDEX AREA
OUTLINE
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance: Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
6
4


Similar Part No. - ISL6208CHRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CHRZ INTERSIL-ISL6208CHRZ Datasheet
338Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
logo
Renesas Technology Corp
ISL6208CHRZ-T RENESAS-ISL6208CHRZ-T Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6208CHRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_13 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_11 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BCRZ-T INTERSIL-ISL6208BCRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CBZ-T INTERSIL-ISL6208CBZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6208C RENESAS-ISL6208C Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CHRZ INTERSIL-ISL6208CHRZ Datasheet
338Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
logo
Renesas Technology Corp
ISL6208 RENESAS-ISL6208 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com