Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6277A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6277A
Description  Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6277A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6277A Datasheet HTML 2Page - Intersil Corporation ISL6277A Datasheet HTML 3Page - Intersil Corporation ISL6277A Datasheet HTML 4Page - Intersil Corporation ISL6277A Datasheet HTML 5Page - Intersil Corporation ISL6277A Datasheet HTML 6Page - Intersil Corporation ISL6277A Datasheet HTML 7Page - Intersil Corporation ISL6277A Datasheet HTML 8Page - Intersil Corporation ISL6277A Datasheet HTML 9Page - Intersil Corporation ISL6277A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
ISL6277A
6
FN8322.0
December 19, 2012
Simplified Application Circuit for Mid-Power CPUs [2+1 Configuration]
FIGURE 5. TYPICAL APPLICATION CIRCUIT USING RESISTOR SENSING
BOOTX
UGATEX
PHASEX
LGATEX
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
PHASE1
LGATE1
PWM2_NB
ISL6277A
ISUMP
ISUMN
VN1
VN2
FB_NB
COMP_NB
VSEN_NB
VNB_SENSE
ISEN1
ISEN2
ISEN3
VP1
VP2
VCORE
VP2
VN2
VIN
VIN
VNB
PWM_Y
NBN
NBP
NTC_NB
IMON
IMON_NB
PWROK
SVT
SVD
µP
SVC
VDDIO
NTC
VR_HOT_L
THERMAL INDICATOR
FCCM_NB
VCORE_SENSE
FB
COMP
VSEN
RTN
FB2
VIN
+5V
+5V
ISEN1_NB
ISEN2_NB
ISUMP_NB
ISUMN_NB
NBP
NBN
10kΩ*
OPEN
NTC
NTC
* Resistor required or ISEN1_NB
will pull HIGH if left open and
disable Channel 1.
OPEN
OPEN
OPEN
OPEN
VP1
VN1
Cn
Cn
Ri
Ri
*OPTIONAL
*
*
*OPTIONAL
*
*


Similar Part No. - ISL6277A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
logo
Intersil Corporation
ISL6277AHRZ INTERSIL-ISL6277AHRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
logo
Renesas Technology Corp
ISL6277AHRZ RENESAS-ISL6277AHRZ Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277AHRZ RENESAS-ISL6277AHRZ Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
More results

Similar Description - ISL6277A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL62771 RENESAS-ISL62771 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL6377 RENESAS-ISL6377 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion Desktop CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6377 INTERSIL-ISL6377 Datasheet
1,000Kb / 36P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com