Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-26CLV32RH-8 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS1-26CLV32RH-8
Description  Radiation Hardened 3.3V Quad Differential Line Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-26CLV32RH-8 Datasheet(HTML) 3 Page - Intersil Corporation

  HS1-26CLV32RH-8 Datasheet HTML 1Page - Intersil Corporation HS1-26CLV32RH-8 Datasheet HTML 2Page - Intersil Corporation HS1-26CLV32RH-8 Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HS-26CLV32RH, HS-26CLV32EH
3
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN4907.4
January 8, 2013
For additional products, see www.intersil.com/product_tree
Die Characteristics
DIE DIMENSIONS:
78 mils x 123 mils x 21 mils
(1970µm x 3120µm)
INTERFACE MATERIALS:
Glassivation:
Type: PSG (Phosphorus Silicon Glass)
Thickness: 8k
Å ±1kÅ
Substrate:
AVLSI1RA, Silicon backside, VDD backside potential
Metallization:
Bottom: Mo/TiW
Thickness: 5800
Å ±1kÅ
Top: Al/Si/Cu
Thickness: 10k
Å ±1kÅ
Worst Case Current Density:
<2.0 x 105A/cm2
Bond Pad Size:
110µm x 100µm
Metallization Mask Layout
HS-26CLV32RH, HS-26CLV32EH
AIN
VDD
BIN
AIN (2)
AOUT (3)
ENAB (4)
COUT (5)
CIN (6)
(8)
(9)
(14) BIN
(13) BOUT
(12) ENAB
(11) DOUT
(10) DIN
(1)
(16)
(15)
(7)
CIN
GND
DIN
TABLE 1. HS-26CLV32RH, HS-26CLV32EH PAD COORDINATES
PIN
NUMBER
PAD
NAME
RELATIVE TO PIN 1
X COORDINATES Y COORDINATES
1AIN
00
2
AIN
-337.1
-362
3AOUT
-337.1
-912.5
4
ENABLE
-337.1
-1319.3
5COUT
-337.1
-1774.4
6
CIN
-337.1
-2233.7
7CIN
0
-2595.7
8
GND
418.4
-2596.7
9DIN
776.4
-2595.7
10
DIN
1113.5
-2233.7
11
DOUT
1113.5
-1774.4
12
ENABLE
1113.5
-1319.3
13
BOUT
1113.5
-898.4
14
BIN
1113.5
-362
15
BIN
776.4
0
16
VDD
420.2
1
NOTE: Dimensions in microns


Similar Part No. - HS1-26CLV32RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-26CLV32RH-8 INTERSIL-HS1-26CLV32RH-8 Datasheet
90Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
More results

Similar Description - HS1-26CLV32RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT32RH-T INTERSIL-HS-26CT32RH-T Datasheet
43Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT32RH INTERSIL-HS-26CT32RH Datasheet
146Kb / 3P
   Radiation Hardened Quad Differential Line Receiver
HS9-26C32RH-8 INTERSIL-HS9-26C32RH-8 Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Drivers
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com