Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2313IDGKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2313IDGKR
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2313IDGKR Datasheet(HTML) 4 Page - Texas Instruments

  OPA2313IDGKR Datasheet HTML 1Page - Texas Instruments OPA2313IDGKR Datasheet HTML 2Page - Texas Instruments OPA2313IDGKR Datasheet HTML 3Page - Texas Instruments OPA2313IDGKR Datasheet HTML 4Page - Texas Instruments OPA2313IDGKR Datasheet HTML 5Page - Texas Instruments OPA2313IDGKR Datasheet HTML 6Page - Texas Instruments OPA2313IDGKR Datasheet HTML 7Page - Texas Instruments OPA2313IDGKR Datasheet HTML 8Page - Texas Instruments OPA2313IDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
OPA313
OPA2313
OPA4313
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: +5.5 V
(1) (continued)
At TA = +25 °C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2, unless otherwise noted.
OPA313, OPA2313, OPA4313
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
VS = 5.0 V, CL = 10 pF
1
MHz
SR
Slew rate
VS = 5.0 V, G = +1
0.5
V/
μs
To 0.1%, VS = 5.0 V, 2-V step , G = +1
5
μs
tS
Settling time
To 0.01%, VS = 5.0 V, 2-V step , G = +1
6
μs
Overload recovery time
VS = 5.0 V, VIN × Gain > VS
3
μs
Total harmonic distortion +
THD+N
VS = 5.0 V, VO = 1 VRMS, G = +1, f = 1 kHz
0.0045%
noise(3)
OUTPUT
RL = 100 kΩ
(4)
5
20
mV
TA = –40°C to +125°C, RL = 100 kΩ
(4)
30
mV
Voltage output swing from supply
VO
rails
RL = 2 kΩ
(4)
75
100
mV
TA = –40°C to +125°C, RL = 2 kΩ
125
mV
±15
mA
ISC
Short-circuit current
TA = –40°C to +125°C
±12
mA
RO
Open-loop output impedance
2300
Ω
POWER SUPPLY
VS
Specified voltage range
1.8 (±0.9)
5.5 (±2.75)
V
IO = 0 mA, VS = 5.0 V
50
60
µA
IQ
Quiescent current per amplifier
TA = –40°C to +125°C, VS = 5.0 V, IO = 0 mA
85
µA
Power-on time
VS = 0 V to 5 V, to 90% IQ level
10
µs
TEMPERATURE
Specified range
–40
+125
°C
Operating range
–40
+150
°C
Storage range
–65
+150
°C
(3)
Third-order filter; bandwidth = 80 kHz at –3 dB.
(4)
Specified by design and characterization; not production tested.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: OPA313 OPA2313 OPA4313


Similar Part No. - OPA2313IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2313 TI1-OPA2313 Datasheet
2Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 500-關V Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA2313-Q1 TI1-OPA2313-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 500-關V Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA2313QDGKRQ1 TI1-OPA2313QDGKRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 500-關V Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
OPA2313QDRQ1 TI1-OPA2313QDRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Low-Power, Rail-to-Rail In/Out, 500-關V Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results

Similar Description - OPA2313IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4313 TI1-OPA4313 Datasheet
2Mb / 38P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313_15 Datasheet
2Mb / 38P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER Precision Value Line Series
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com