Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7320IYHCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS7320IYHCR
Description  3-Channel ED Filter Video Amplifier with 4-V/V Gain
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7320IYHCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS7320IYHCR Datasheet HTML 6Page - Texas Instruments THS7320IYHCR Datasheet HTML 7Page - Texas Instruments THS7320IYHCR Datasheet HTML 8Page - Texas Instruments THS7320IYHCR Datasheet HTML 9Page - Texas Instruments THS7320IYHCR Datasheet HTML 10Page - Texas Instruments THS7320IYHCR Datasheet HTML 11Page - Texas Instruments THS7320IYHCR Datasheet HTML 12Page - Texas Instruments THS7320IYHCR Datasheet HTML 13Page - Texas Instruments THS7320IYHCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
40
50
60
70
80
90
100
-
-
-
-
-
-
-
1M
10M
Frequency(Hz)
V
=0.25V
OUT
PP
V
=0.5V
OUT
PP
V
=1V
OUT
PP
V
=1.4V
OUT
PP
V
=2V
OUT
PP
V
=2.6V
InputBias=0.25V
S+
DC
G035
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0.5
-
-50
400
Time(ns)
V
=2.6V
S+
350
300
250
200
150
100
50
0
Inputt /t =1ns
R F
OutputVoltageWaveforms
Inputt /t =1ns
R F
Inputt /t =70ns
R F
Inputt /t =70ns
R F
InputVoltageWaveforms
0.75
0.25
0.25
0.75
1.25
1.75
-
-
-
-
G047
40
50
60
70
80
90
100
-
-
-
-
-
-
-
1M
10M
Frequency(Hz)
V
=0.25V
OUT
PP
V
=0.5V
OUT
PP
V
=1V
OUT
PP
V
=1.4V
OUT
PP
V
=2V
OUT
PP
V
=2.6V
InputBias=0.25V
S+
DC
G036
−90
−80
−70
−60
−50
−40
−30
1 M
10 M
100 M
Frequency (Hz)
Ch. 1 into Ch. 2
Ch. 1 into Ch. 3
Ch. 2 into Ch. 1
Ch. 2 into Ch. 3
Ch. 3 into Ch. 1
Ch. 3 into Ch. 2
VS+ = 2.6 V
G001
−50
−40
−30
−20
−10
0
10
20
1M
10M
100M
1G
Frequency (Hz)
RL = 75 Ω
RL = 150 Ω
RL = Open
VS+ = 2.6 V
VOUT = 200 mVPP
Input Bias = 0.25 VDC
−60
−50
−40
−30
−20
−10
0
10
20
1 M
10 M
100 M
1 G
Frequency (Hz)
CL = Stray (2 pF)
CL = 6.2 pF
CL = 10 pF
CL =18 pF
VS+ = 2.6 V
Load = 150
Ω || C
L
VOUT = 200 mVPP
Input Bias = 0.25 VDC
G029
THS7320
SBOS565B – JULY 2011 – REVISED SEPTEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS: VS+ = 2.6 V (continued)
At TA = +25°C, load = 150 Ω || 6.2 pF to GND, and dc-coupled input/output, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
vs CAPACITIVE LOAD
vs RESISTIVE LOAD
Figure 8.
Figure 9.
SECOND-ORDER HARMONIC DISTORTION
CROSSTALK vs FREQUENCY (1)
vs FREQUENCY
Figure 10.
Figure 11.
THIRD-ORDER HARMONIC DISTORTION
vs FREQUENCY
LARGE-SIGNAL PULSE RESPONSE vs TIME
Figure 12.
Figure 13.
(1)
Measured at output connector relative to source output connector.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: THS7320


Similar Part No. - THS7320IYHCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7327 TI-THS7327 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7327PHP TI-THS7327PHP Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7327PHPG4 TI-THS7327PHPG4 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7327PHPR TI-THS7327PHPR Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7327PHPRG4 TI-THS7327PHPRG4 Datasheet
395Kb / 26P
[Old version datasheet]   3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
More results

Similar Description - THS7320IYHCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7375 TI-THS7375 Datasheet
918Kb / 36P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
logo
Maxim Integrated Produc...
MAX9519 MAXIM-MAX9519 Datasheet
332Kb / 9P
   1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 4V/V Gain
19-4231; Rev 0; 8/08
MAX9515 MAXIM-MAX9515 Datasheet
275Kb / 9P
   1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 2V/V Gain
Rev 0; 2/08
logo
Texas Instruments
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
logo
Analog Devices
ADA4424 AD-ADA4424 Datasheet
257Kb / 16P
   6-Channel SD/ED/HD Video Filter with Charge Pump
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com