Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E1U06 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E1U06
Description  Quad Channel High Speed ESD Protection Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4E1U06 Datasheet(HTML) 5 Page - Texas Instruments

  TPD4E1U06 Datasheet HTML 1Page - Texas Instruments TPD4E1U06 Datasheet HTML 2Page - Texas Instruments TPD4E1U06 Datasheet HTML 3Page - Texas Instruments TPD4E1U06 Datasheet HTML 4Page - Texas Instruments TPD4E1U06 Datasheet HTML 5Page - Texas Instruments TPD4E1U06 Datasheet HTML 6Page - Texas Instruments TPD4E1U06 Datasheet HTML 7Page - Texas Instruments TPD4E1U06 Datasheet HTML 8Page - Texas Instruments TPD4E1U06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
BIAS (V)
C007
f = 1 MHz
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
±5
0
5
10
15
20
25
30
35
40
45
50
Time ( s)
Current
Power
C008
TPD4E1U06
www.ti.com
SLVSBQ9B – DECEMBER 2012 – REVISED FEBRUARY 2013
TYPICAL CHARACTERISTICS (continued)
Figure 8. Capacitance Across VBIAS, f = 1 MHz
Figure 9. Surge Curve (tp = 8/20
μs), Pin IO to GND
Figure 10. PCB Layout Recommendation
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD4E1U06


Similar Part No. - TPD4E1U06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1U06 TI1-TPD4E1U06 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E1U06 TI1-TPD4E1U06 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E1U06 TI1-TPD4E1U06 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR TECHPUBLIC-TPD4E1U06DBVR Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
More results

Similar Description - TPD4E1U06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com