Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S214YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S214YFFR
Description  USB OTG Companion Device with VBUS Over Voltage, Over Current Protection, and Four Channel ESD Clamps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S214YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD4S214YFFR Datasheet HTML 3Page - Texas Instruments TPD4S214YFFR Datasheet HTML 4Page - Texas Instruments TPD4S214YFFR Datasheet HTML 5Page - Texas Instruments TPD4S214YFFR Datasheet HTML 6Page - Texas Instruments TPD4S214YFFR Datasheet HTML 7Page - Texas Instruments TPD4S214YFFR Datasheet HTML 8Page - Texas Instruments TPD4S214YFFR Datasheet HTML 9Page - Texas Instruments TPD4S214YFFR Datasheet HTML 10Page - Texas Instruments TPD4S214YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
OTG 5 V
Source
COTG*
USB Controller
+
Detection
System Side Supply
(1.8 V to 3.6 V)
ADJ
VOTG_IN
VBUS
D+
D–
ID
DET
FLT\
EN
GND
CBUS*
VBUS
D+
D–
ID
TPD4S214
USB Connector
TPD4S214
www.ti.com
SLVSBR1A – JANUARY 2013 – REVISED FEBRUARY 2013
ELECTRICAL CHARACTERISTICS FOR REVERSE VOLTAGE PROTECTION
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREV
Reverse-voltage comparator trip point (at VBUS port)
VBUS > VOTG_IN
50
mV
TRRVP
Time from reverse-voltage condition to MOSFET switch off
17.5
ms
and FLG = low
TRREV
Re-arming time
25
µs
SUPPLY CURRENT CONSUMPTION
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
MAX
UNIT
VOTG_IN = 5 V, No load on VBUS,
High-level VOTG_IN operating current
IVOTG_INON
RADJ = 75 k
162
200
µA
consumption
EN = 5 V
RADJ = 226 k
150
200
µA
THERMAL SHUTDOWN
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
MAX
UNIT
TSHDN+
Shutdown temp rising
141
ºC
TSHDN–
Shutdown temp falling
125
ºC
THYST
Thermal-shutdown Hysteresis
16
ºC
PMAX
Maximum power dissipation
0.16
W
VOTG_IN = 5 V, Rload = 5 Ω, EN = 5 V, RADJ = 75 KΩ
TJMAX
Junction Temp at max power dissipation
150
ºC
APPLICATION DIAGRAM
Figure 2. USB2.0 Application Diagram Without Using On-chip VBUS Detect
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD4S214


Similar Part No. - TPD4S214YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
706Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 17P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009 Datasheet
1Mb / 18P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009 Datasheet
1Mb / 20P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results

Similar Description - TPD4S214YFFR

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3218 WILLSEMI-WS3218 Datasheet
457Kb / 10P
   Over-Voltage Protection Device for USB 2.0 Compliant VBUS and Data Switches
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com