Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA5807 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # VCA5807
Description  Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VCA5807 Datasheet(HTML) 9 Page - Texas Instruments

Back Button VCA5807 Datasheet HTML 5Page - Texas Instruments VCA5807 Datasheet HTML 6Page - Texas Instruments VCA5807 Datasheet HTML 7Page - Texas Instruments VCA5807 Datasheet HTML 8Page - Texas Instruments VCA5807 Datasheet HTML 9Page - Texas Instruments VCA5807 Datasheet HTML 10Page - Texas Instruments VCA5807 Datasheet HTML 11Page - Texas Instruments VCA5807 Datasheet HTML 12Page - Texas Instruments VCA5807 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
VCA5807
www.ti.com
SLOS727 – DECEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5V = 5V, AVDD = 3.3V, AC-coupled with 0.1µF at INP and bypassed to ground with 15nF at INM, No active
termination, VCNTL= 0V, fIN= 5MHz, LNA = 18dB, PGA = 24dB, LPF Filter = 15MHz, low noise mode, VOUT= –1dBFS (1.8VPP),
single-ended VCNTL mode, VCNTLM = GND, 2 k
Ω load (ADC Rin), internal 500Ω CW feedback resistor, CMOS CW clocks,
at ambient temperature TA = 25°C, unless otherwise noted. Min and max values are specified across full-temperature range
with AVDD_5V=5V, AVDD=3.3V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
CW SUMMING AMPLIFIER
VCMO
Common-mode voltage
Summing amplifier inputs/outputs
1.5
V
Summing amplifier output
4
VPP
100Hz
2
nV/rtHz
Input referred voltage noise
(3)
1kHz
1.2
nV/rtHz
2KHz-100MHz
1
nV/rtHz
100Hz
7
pA/rtHz
Input referred current noise
(3)
1kHz
3
pA/rtHz
10KHz-100MHz
2.5
pA/rtHz
Unit gain bandwidth
200
MHz
Max output current
Linear operation range
20
mAPP
POWER DISSIPATION
AVDD Voltage
3.15
3.3
3.6
V
AVDD_5V Voltage
4.75
5
5.5
V
TGC low noise mode, no signal
203
235
TGC medium power mode, no signal
126
TGC low power mode, no signal
99
CW-mode, no signal
147
172
AVDD (3.3V) Current
mA
TGC low noise mode, 500mVPP Input,1% duty cycle
210
TGC medium power mode, 500mVPP Input, 1% duty cycle
133
TGC low power, 500mVPP Input, 1% duty cycle
105
CW-mode, 500mVPP Input
375
TGC mode no signal
25.5
35
CW Mode no signal, 16X clock = 32MHz
32
AVDD_5V Current
mA
TGC mode, 500mVPP Input,1% duty cycle
16.5
CW-mode, 500mVPP Input
42.5
TGC low noise mode, no signal
99
121
TGC medium power mode, no signal
68
TGC low power mode, no signal
55.5
VCA Power dissipation
mW/CH
TGC low noise mode, 500mVPP input,1% duty cycle
102.5
TGC medium power mode, 500mVPP Input, 1% duty cycle
71
TGC low power mode, 500mVPP input,1% duty cycle
59.5
CW Power dissipation
No signal, CW Mode no signal, 16X clock = 32MHz
80
mW/CH
500mVPP input, 16X clock = 32MHz
173
Power dissipation in power down mode
PDN_FAST = High
12.5
mW/CH
Complete power-down PDN_Global=High
0.6
2
Power-down response time
Time taken to enter power down
1
µs
2µs+1% of PDN
VCA power down
µs
time
Power-up response time
Complete power down
2.5
ms
fin = 5MHz, at 50mVpp noise at 1KHz on supply
(4)
–65
dBc
Power supply modulation ratio, AVDD and
AVDD_5V (TGC Mode)
fin = 5MHz, at 50mVPP noise at 50KHz on supply
(4)
–65
dBc
f = 10kHz, VCNTL = 0V (high gain), AVDD
–40
dBc
Power supply rejection ratio (TGC Mode)
f = 10kHz, VCNTL = 0V (high gain), AVDD_5V
–55
dBc
f = 10kHz, VCNTL = 1V (low gain), AVDD
–50
dBc
fin = 5MHz, 1-20 KHz 100mVpp noise on the AVDD
-57
dBc
Power supply modulation ratio (CW Mode
with 8 mixers active)
fin = 5MHz, 1-20 KHz 100mVpp noise on the AVDD_5V
-59
dBc
fin = 5MHz, 5.001-5.02 MHz 100mVpp noise on the AVDD
-75
dBc
Power supply rejection ratio (CW Mode
with 8 mixers active)
fin = 5MHz, 5.001-5.02 MHz 100mVpp noise on the AVDD_5V
-40
dBc
(3)
By simulation.
(4)
PSMR specification is with respect to RF signal amplitude.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: VCA5807


Similar Part No. - VCA5807

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
VCA SENSATA-VCA Datasheet
542Kb / 5P
   Complete VCA and Driver Kit for Custom Actuation System
logo
List of Unclassifed Man...
VCA-7010 ETC-VCA-7010 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
logo
IXYS Corporation
VCA105 IXYS-VCA105 Datasheet
61Kb / 2P
   Thyristor Modules
VCA105-08IO7 IXYS-VCA105-08IO7 Datasheet
61Kb / 2P
   Thyristor Modules
More results

Similar Description - VCA5807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
[Old version datasheet]   AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com