Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX3225GB48000D0HEQZ1 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX3225GB48000D0HEQZ1
Description  3.2횞2.5mm for Consumer Products
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX3225GB48000D0HEQZ1 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX3225GB48000D0HEQZ1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
Surface Mount Type CX3225GB
3.2
×2.5mm for Consumer Products
RoHS Compliant
Features
• Crystal unit for Consumer Products
• Small and low profile 0.9mm max.
(3.2
×2.5×0.8mm)
• Ceramic package
• Reflow compatible
Applications
• Digital Electronics
• Consumer Products
How to Order
CX3225GB 27000 □□ □ □ □ □□
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
B0
6 pF
D0
8 pF
Std.
F0
10 pF
④ Frequency Stability
H
±20×10-6 Std.
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
EQ
-10 to +70°C
±30×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 3000/ 1000 pcs./ reel)
3.6
1.3
1.3
Recommended Land Pattern
(Unit: mm)
3.2
±0.1
1.2
CONNECTION
(TOP VIEW)
NC
HOT
HOT
NC
4-R0.2
#4
#3
#1
#2
#1
#2
#4
#3
1.0
1.0
#4
#3
#1
#2
Dimensions
(Unit: mm)
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
10000.000
CX3225GB10000D0HEQZ1
12000.000
CX3225GB12000D0HEQZ1
13560.000
CX3225GB13560D0HEQZ1
14318.180
CX3225GB14318D0HEQZ1
14745.600
CX3225GB14745D0HEQZ1
16000.000
CX3225GB16000D0HEQZ1
18432.000
CX3225GB18432D0HEQZ1
19200.000
CX3225GB19200D0HEQZ1
20000.000
CX3225GB20000D0HEQZ1
22579.200
CX3225GB22579D0HEQZ1
24000.000
CX3225GB24000D0HEQZ1
24576.000
CX3225GB24576D0HEQZ1
25000.000
CX3225GB25000D0HEQZ1
27000.000
CX3225GB27000D0HEQZ1
27120.000
CX3225GB27120D0HEQZ1
30000.000
CX3225GB30000D0HEQZ1
32000.000
CX3225GB32000D0HEQZ1
33333.000
CX3225GB33333D0HEQZ1
38400.000
CX3225GB38400D0HEQZ1
40000.000
CX3225GB40000D0HEQZ1
48000.000
CX3225GB48000D0HEQZ1
54000.000
CX3225GB54000D0HEQZ1
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
9800 to 54000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
8
pF
Frequency Stability
f_tol
±20
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-10 to +70
°C
Storage Temp. Range
T_stg
-40 to +85
°C
Frequency Temp. Characteristics
f_tem
±30
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Table1 Motional Series Resistance
Frequency Range Motional Series Resistance
9800 to 11999kHz
300
Ω max.
12000 to 13999kHz
250
Ω max.
14000 to 15999kHz
100
Ω max.
16000 to 19999kHz
80
Ω max.
20000 to 26999kHz
60
Ω max.
27000 to 54000kHz
50
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
9800 to 54000kHz
10
μW (100μW max.)


Similar Part No. - CX3225GB48000D0HEQZ1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX3225GB27000D0HEQCC KSS-CX3225GB27000D0HEQCC Datasheet
67Kb / 1P
   Crystal units surface mount type
CX3225GB KSS-CX3225GB_18 Datasheet
67Kb / 1P
   Crystal units surface mount type
More results

Similar Description - CX3225GB48000D0HEQZ1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
   2.0횞1.6mm for Consumer Products
CX1612SB KSS-CX1612SB Datasheet
583Kb / 1P
   1.6횞1.2mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
   Processors for Consumer and Industrial Products
IMX28CEC FREESCALE-IMX28CEC Datasheet
665Kb / 70P
   Processors Data Sheet for Consumer Products
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com