Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24090 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ24090
Description  1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24090 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24090_12 Datasheet HTML 2Page - Texas Instruments BQ24090_12 Datasheet HTML 3Page - Texas Instruments BQ24090_12 Datasheet HTML 4Page - Texas Instruments BQ24090_12 Datasheet HTML 5Page - Texas Instruments BQ24090_12 Datasheet HTML 6Page - Texas Instruments BQ24090_12 Datasheet HTML 7Page - Texas Instruments BQ24090_12 Datasheet HTML 8Page - Texas Instruments BQ24090_12 Datasheet HTML 9Page - Texas Instruments BQ24090_12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
bq24090, bq24091
bq24092, bq24093
bq24095
SLUS968D – JANUARY 2010 – REVISED DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High temp charging to normal CHG;
VHYS-45°C
Hysteresis at 45°C
10.7
mV
VTS: 0.2V → 0.5V
High temp charge to pending;
VTS-60°C
High temperature Disable, bq24092/3
170
178
186
mV
VTS: 0.2V → 0.1V
Charge pending to high temp CHG;
VHYS-60°C
Hysteresis at 60°C, bq24092/3
11.5
mV
VTS: 0.1V → 0.2V
Normal to Cold Operation; VTS: 0.6V → 1V
50
Deglitch for TS thresholds: 10C,
tDGL(TS_10C)
ms
bq24092/3
Cold to Normal Operation; VTS: 1V → 0.6V
12
tDGL(TS)
Deglitch for TS thresholds: 0/45/60C.
Battery charging
30
ms
VTS-EN-10k
Charge Enable Threshold, (10k NTC)
VTS: 0V → 0.175V;
80
88
96
mV
HYS below VTS-EN-10k to Disable, (10k
VTS-DIS_HYS-10k
VTS: 0.125V → 0V;
12
mV
NTC)
VTS-EN-100k
Charge Enable Threshold, bq24090/2
VTS: 0V → 0.175V;
140
150
160
mV
VTS-DIS_HYS-
HYS below VTS-EN-100k to Disable,
VTS: 0.125V → 0V;
50
mV
100k
bq24091/3
THERMAL REGULATION
TJ(REG)
Temperature regulation limit
125
°C
TJ(OFF)
Thermal shutdown temperature
155
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
LOGIC LEVELS ON ISET2
VIL
Logic LOW input voltage
Sink 8
μA
0.4
V
VIH
Logic HIGH input voltage
Source 8
μA
1.4
V
IIL
Sink current required for LO
VISET2= 0.4V
2
9
μA
IIH
Source current required for HI
VISET2= 1.4V
1.1
8
μA
VFLT
ISET2 Float Voltage
575
900
1225
mV
LOGIC LEVELS ON CHG AND PG
VOL
Output LOW voltage
ISINK = 5 mA
0.4
V
ILEAK
Leakage current into IC
V CHG = 5V, V PG = 5V
1
μA
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: bq24090 bq24091 bq24092 bq24093 bq24095


Similar Part No. - BQ24090_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results

Similar Description - BQ24090_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com