Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24090 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24090
Description  1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24090 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24090 Datasheet HTML 1Page - Texas Instruments BQ24090 Datasheet HTML 2Page - Texas Instruments BQ24090 Datasheet HTML 3Page - Texas Instruments BQ24090 Datasheet HTML 4Page - Texas Instruments BQ24090 Datasheet HTML 5Page - Texas Instruments BQ24090 Datasheet HTML 6Page - Texas Instruments BQ24090 Datasheet HTML 7Page - Texas Instruments BQ24090 Datasheet HTML 8Page - Texas Instruments BQ24090 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
bq24090, bq24091
bq24092, bq24093
bq24095
SLUS968D – JANUARY 2010 – REVISED DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENT
IOUT(PDWN)
Battery current into OUT pin
VIN = 0V
1
μA
IOUT(DONE)
OUT pin current, charging terminated
VIN = 6V, VOUT > VOUT(REG)
6
IIN(STDBY)
Standby current into IN pin
TS = LO, VIN ≤ 6V
125
μA
TS = open, VIN = 6V, TTDM – no load on OUT pin,
ICC
Active supply current, IN pin
0.8
1.0
mA
VOUT > VOUT(REG), IC enabled
BATTERY CHARGER FAST-CHARGE
Battery regulation voltage
VIN = 5.5V, IOUT = 25mA, (VTS-45°C≤ VTS ≤ VTS-0°C)
4.16
4.2
4.23
(bq24090/1/2/3)
VOUT(REG)
V
Battery regulation voltage (bq24095)
VIN = 5.5V, IOUT = 25mA
4.30
4.35
4.40
Battery hot regulation Voltage,
VO_HT(REG)
VIN = 5.5V, IOUT = 25mA, VTS-60°C≤ VTS ≤ VTS-45°C
4.02
4.06
4.1
V
bq24092/3
VOUT(REG) > VOUT > VLOWV; VIN = 5V, ISET2=Lo,
Programmed Output “fast charge”
IOUT(RANGE)
10
1000
mA
current range
RISET = 540 to 10.8kΩ
Adjust VIN down until IOUT = 0.5A, VOUT = 4.15V,
VDO(IN-OUT)
Drop-Out, VIN – VOUT
325
520
mV
RISET = 540 , ISET2=Lo (adaptor mode); TJ ≤ 100°C
IOUT
Output “fast charge” formula
VOUT(REG) > VOUT > VLOWV; VIN = 5V, ISET2 = Lo
KISET/RISET
A
RISET = KISET /IOUT; 50 < IOUT < 1000 mA
510
540
565
Fast charge current factor for
KISET
RISET = KISET /IOUT; 25 < IOUT < 50 mA
480
527
580
A
bq24090, 91, 92, 93
RISET = KISET /IOUT; 10 < IOUT < 25 mA
350
520
680
RISET = KISET /IOUT; 50 < IOUT < 1000 mA
510
560
585
Fast charge current factor for
KISET
RISET = KISET /IOUT; 25 < IOUT < 50 mA
480
557
596
A
bq24095
RISET = KISET /IOUT; 10 < IOUT < 25 mA
350
555
680
PRECHARGE – SET BY PRETERM PIN
Pre-charge to fast-charge transition
VLOWV
2.4
2.5
2.6
V
threshold
Deglitch time on pre-charge to fast-
tDGL1(LOWV)
70
μs
charge transition
Deglitch time on fast-charge to pre-
tDGL2(LOWV)
32
ms
charge transition
IPRE-TERM
Refer to the Termination Section
VOUT < VLOWV; RISET = 1080Ω;
%IOUT-
Pre-charge current, default setting
18
20
22
RPRE-TERM= High Z
CC
%PRECHG
Pre-charge current formula
RPRE-TERM = KPRE-CHG (Ω/%) × %PRE-CHG (%)
RPRE-TERM/KPRE-CHG%
VOUT < VLOWV, VIN = 5V, RPRE-TERM = 2k to 10kΩ;
RISET = 1080Ω , RPRE-TERM = KPRE-CHG × %IFAST-CHG,
90
100
110
Ω/%
where %IFAST-CHG is 20 to 100%
KPRE-CHG
% Pre-charge Factor
VOUT < VLOWV, VIN = 5V, RPRE-TERM = 1k to 2kΩ; RISET
= 1080
Ω, RPRE-TERM = KPRE-CHG × %IFAST-CHG, where
84
100
117
Ω/%
%IFAST-CHG is 10% to 20%
TERMINATION – SET BY PRE-TERM PIN
Termination Threshold Current, default
VOUT > VRCH; RISET = 1k;
%IOUT-
9
10
11
setting
RPRE-TERM= High Z
CC
%TERM
Termination Current Threshold
RPRE-TERM = KTERM (Ω/%) × %TERM (%)
RPRE-TERM/ KTERM
Formula
VOUT > VRCH, VIN = 5V, RPRE-TERM = 2k to 10kΩ ;
RISET = 750Ω KTERM × %IFAST-CHG, where %IFAST-CHG
182
200
216
is 10 to 50%
KTERM
% Term Factor
Ω/%
VOUT > VRCH, VIN = 5V, RPRE-TERM = 1k to 2kΩ ; RISET
174
199
224
= 750
Ω KTERM × %Iset, where %Iset is 5 to 10%
Current for programming the term. and
IPRE-TERM
pre-chg with resistor. ITerm-Start is the
RPRE-TERM = 2k, VOUT = 4.15V
71
75
81
μA
initial PRE-TERM current.
%TERM
Termination current formula
RTERM/ KTERM
%
tDGL(TERM)
Deglitch time, termination detected
29
ms
Elevated PRE-TERM current for, tTerm-
ITerm-Start
Start, during start of charge to prevent
80
85
92
μA
recharge of full battery,
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: bq24090 bq24091 bq24092 bq24093 bq24095


Similar Part No. - BQ24090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
bq24090 TI-bq24090 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090DGQR TI-BQ24090DGQR Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results

Similar Description - BQ24090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com