Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24157 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24157
Description  Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24157 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24157 Datasheet HTML 5Page - Texas Instruments BQ24157 Datasheet HTML 6Page - Texas Instruments BQ24157 Datasheet HTML 7Page - Texas Instruments BQ24157 Datasheet HTML 8Page - Texas Instruments BQ24157 Datasheet HTML 9Page - Texas Instruments BQ24157 Datasheet HTML 10Page - Texas Instruments BQ24157 Datasheet HTML 11Page - Texas Instruments BQ24157 Datasheet HTML 12Page - Texas Instruments BQ24157 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
500mS/div
VSW
5V/div
I
200mA/div
BAT
I
0.1 A/div
BAT
OTG
2V/div
WriteCommand
15MinuteMode
32SMode
1S/div
I
0.5 A/div
L
VSW
2V/div
100nS/div
VBUS
2V/div
VSW
2V/div
I
20mA/div
BUS
10mS/div
VSW
2V/div
I
0.5 A/div
L
2
s/div
m
VBUS
2V/div
VSW
5V/div
I
0.5 A/div
BAT
10ms/div
bq24157
www.ti.com
SLUSB80 – SEPTEMBER 2012
TYPICAL PERFORMANCE CHARACTERISTICS
Using circuit shown in Figure 2, TA = 25°C, unless otherwise specified.
vertical spacer
ADAPTER INSERTION
CYCLE BY CYCLE CURRENT LIMITING IN CHARGE MODE
Figure 3. VBUS = 0-5V, Iin_limit = 500mA, Voreg = 4.2V
Figure 4. VBUS = 5V, VBAT = 3.5V
VBAT = 3.5V, ICHG = 550mA, 32S mode
Charge Mode Overload Operation
PWM CHARGING WAVEFORMS
POOR SOURCE DETECTION
Figure 5. VBUS = 5 V, VBAT = 2.6 V, Voreg = 4.2 V,
Figure 6. VBUS = 5 V at 8 mA, VBAT = 3.2V,
ICHG = 1550 mA
Iin_limit = 100 mA, ICHG = 550 mA
CHARGE CURRENT RAMP UP
INPUT CURRENT CONTROL
Figure 7. Vin = 5 V, VBAT = 3. 2V, No Input Current Limit,
Figure 8. VBUS = 5 V, VBAT = 3.1V, Iin_limit = 100/500 mA,
ICHG = 1550mA
(OTG Control, 15 Minute Mode), Iin_limit = 100 mA
(I2C Control, 32 Second Mode)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :bq24157


Similar Part No. - BQ24157

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
BQ24157SYFFR TI1-BQ24157SYFFR Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
BQ24157SYFFT TI1-BQ24157SYFFT Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
BQ24157YFFR TI1-BQ24157YFFR Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24157YFFT TI1-BQ24157YFFT Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24157

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD9157 TECHCODE-TD9157 Datasheet
2Mb / 35P
   Fully Integrated Switch-Mode ChargerWith USB Compliance and USB-OTG Support
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com