Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24715 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24715
Description  2-3 Cell NVDC-1 Battery Charger Controller with Ultra-Fast Transient Response and High Light-Load Efficiency
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24715 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24715 Datasheet HTML 1Page - Texas Instruments BQ24715 Datasheet HTML 2Page - Texas Instruments BQ24715 Datasheet HTML 3Page - Texas Instruments BQ24715 Datasheet HTML 4Page - Texas Instruments BQ24715 Datasheet HTML 5Page - Texas Instruments BQ24715 Datasheet HTML 6Page - Texas Instruments BQ24715 Datasheet HTML 7Page - Texas Instruments BQ24715 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HOST
SMBus
To System
Adaptor
2S-3S
Ultra-Fast
DPM
Ultra-Low Quiescent
Current
N-FET
Driver
SMBus Controls V and I
with High Accuracy
6-24V
Iin, Idischarge
Support CPU Turbo Mode
PMOS BAT
FET Driver
Integrated Compensation Internal Soft Start
Iin
Ichg
Enhanced Safety
Features
OCP, OVP,
FET Short
Adaptor Detection
Optional
NVDC-1
Charger
Controller
bq24715
Simplified Application Diagram
bq24715
www.ti.com
SLUSBD1 – FEBRUARY 2013
2-3 Cell NVDC-1 Battery Charger Controller
with Ultra-Fast Transient Response and High Light-Load Efficiency
Check for Samples: bq24715
1
FEATURES
APPLICATIONS
6-24V Input SMBus NVDC-1 2-3S Battery
Ultrabook, Notebook, and Tablet PC
Charger Controller
Industrial and Medical Equipment
System Instant-on Operation with No Battery
Portable Equipment
or Deeply Discharged Battery
Ultra-Fast Transient Response of 100 µs
DESCRIPTION
The bq24715 is a NVDC-1 synchronous battery
Ultra-Low Quiescent Current of 500 µA and
charge controller with low quiescent current, high light
High PFM Light Load Efficiency 80% at 20mA
load efficiency for 2S or 3S Li-ion battery charging
load to Meet Energy Star and ErP Lot6
applications, offering low component count.
Switching Frequency: 600kHz/800kHz/1MHz
The power path management allows the system to be
Programmable System/Charge Voltage (16
regulated at battery voltage but does not drop below
mV/step), Input/Charge Current (64 mA/step)
the programmable system minimum voltage.
with High Accuracy
The bq24715 provides N-channel ACFET and RBFET
±0.5% Charge Voltage Regulation
drivers for the power path management. It also
±3% Input/Charge Current Regulation
provides driver of the external P-channel battery FET.
±2% 40x Input/16x Discharge Current
The loop compensation is fully integrated.
Monitor Output
The
bq24715
has
programmable
11-bit
charge
Support Battery LEARN Function
voltage, 7-bit input/charge current and 6-bit minimal
system voltage with very high regulation accuracies
Maximize CPU Performance with Deeply
through the SMBus communication interface.
Discharged Battery or No Battery
Integrated NMOS ACFET and RBFET Driver
The bq24715 monitors adapter current or battery
discharge current through the IOUT pin allowing the
20-pin 3.5 x 3.5 mm2 QFN Package
host to throttle down CPU speed when needed.
The bq24715 provides extensive safety features for
over current, over voltage and MOSFET short circuit.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2013, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - BQ24715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24715 TI1-BQ24715 Datasheet
1Mb / 45P
[Old version datasheet]   2-3 Cell NVDC-1 Battery Charger Controller with Ultra-Fast Transient Response and High Light-Load Efficiency
BQ24715RGRR TI1-BQ24715RGRR Datasheet
1Mb / 45P
[Old version datasheet]   2-3 Cell NVDC-1 Battery Charger Controller with Ultra-Fast Transient Response and High Light-Load Efficiency
BQ24715RGRT TI1-BQ24715RGRT Datasheet
1Mb / 45P
[Old version datasheet]   2-3 Cell NVDC-1 Battery Charger Controller with Ultra-Fast Transient Response and High Light-Load Efficiency
BQ24715 TI1-BQ24715_17 Datasheet
1Mb / 45P
[Old version datasheet]   2-3 Cell NVDC-1 Battery Charger Controller with Ultra-Fast Transient Response and High Light-Load Efficiency
More results

Similar Description - BQ24715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24715 TI1-BQ24715_17 Datasheet
1Mb / 45P
[Old version datasheet]   2-3 Cell NVDC-1 Battery Charger Controller with Ultra-Fast Transient Response and High Light-Load Efficiency
logo
Sanken electric
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
661Kb / 15P
   Ultra light load high efficiency
NR131D SANKEN-NR131D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR132A SANKEN-NR132A Datasheet
614Kb / 15P
   Ultra light load high efficiency
logo
ON Semiconductor
NCP1589L ONSEMI-NCP1589L Datasheet
132Kb / 8P
   Low Voltage Synchronous Buck Controller with Light Load Efficiency and Transient Enhancement
August, 2013 ??Rev. 2
NCP1589DMNTWG ONSEMI-NCP1589DMNTWG Datasheet
126Kb / 8P
   Low Voltage Synchronous Buck Controller with Light Load Efficiency and Transient Enhancement
July, 2011 ??Rev. 1
logo
Linear Technology
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
   High Efficiency MPPT Battery Charger Controller
logo
M.S. Kennedy Corporatio...
MSK5251-15 MSK-MSK5251-15 Datasheet
335Kb / 6P
   Ultra-Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com