Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ51051B Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ51051B
Description  High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ51051B Datasheet(HTML) 5 Page - Texas Instruments

  BQ51051B Datasheet HTML 1Page - Texas Instruments BQ51051B Datasheet HTML 2Page - Texas Instruments BQ51051B Datasheet HTML 3Page - Texas Instruments BQ51051B Datasheet HTML 4Page - Texas Instruments BQ51051B Datasheet HTML 5Page - Texas Instruments BQ51051B Datasheet HTML 6Page - Texas Instruments BQ51051B Datasheet HTML 7Page - Texas Instruments BQ51051B Datasheet HTML 8Page - Texas Instruments BQ51051B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
bq51050B
bq51051B
www.ti.com
SLUSB42C – JULY 2012 – REVISED FEBRUARY 2013
ELECTRICAL CHARACTERISTICS (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TERMINATION
Programmable termination current as a percentage of
KTERM
RTERM = %IILIM x KTERM
200
240
280
Ω/%
IILIM
Constant current at the TERM pin to bias the
ITERM
40
50
55
µA
termination reference
VBAT(REG) VBAT(REG) VBAT(REG)
bq51050B
–135mV
–110mV
–90mV
VRECH
Recharge threshold
V
VBAT(REG) VBAT(REG) VBAT(REG)
bq51051B
–125mV
–95mV
–70mV
TS / CTRL
ITS-Bias < 100 µA (periodically
VTS
Internal TS bias voltage
2
2.2
2.4
V
driven see tTS/CTRL-Meas)
Rising threshold
VTS: 50%
→ 60%
57
58.7
60
VOC
Falling threshold
VTS: 60%
→ 50%
55
56.3
57
%VTSB
Hysteresis on 0C Comparator
VTS: 60%
→ 50%
2.4
V10C
Rising threshold
VTS: 40%
→ 50%
46
47.8
49
%VTSB
V10C-Hyst
Hysteresis on 10C Comparator
VTS: 50%
→ 40%
2
%VTSB
V45C
Falling threshold
VTS: 25%
→ 15%
18
19.6
21
%VTSB
V45C-Hyst
Hysteresis on 45C Comparator
VTS: 15%
→ 25%
3
%VTSB
V60C
Falling threshold
VTS: 20%
→ 5%
12
13.1
14
%VTSB
V60C-Hyst
Hysteresis on 60C Comparator
VTS: 5%
→ 20%
1
%VTSB
I45C
ILIM reduction percentage at 45c
VTS: 25%
→ 15%, ILOAD = IILIM
45
50
55
%
VCTRL-HI
CTRL pin threshold for a high
VTS/CTRL: 50 → 150 mV
80
100
130
mV
VCTRL-LOW
CTRL pin threshold for a low
VTS/CTRL: 150 → 50 mV
50
80
100
mV
Time period of TS/CTRL measurements--when VTSB
TS bias voltage is only driven when
TTS/CTRL-Meas
24
ms
is being driven
communication packets are sent
tTS-Deglitch
Deglitch time for all TS comparators
10
ms
Pull-up resistor for the NTC network. Pulled up to the
NTC-Pullup
18
20
22
k
Ω
TS bias LDO.
Nominal resistance requirement at 25c of the NTC
NTC-RNOM
10
k
Ω
resistor
Beta requirement for accurate temperature sensing via
NTC-Beta
3380
Ω
the above specified thresholds
THERMAL PROTECTION
Thermal shutdown temperature
155
°C
TJ
Thermal shutdown hysteresis
20
°C
OUTPUT LOGIC LEVELS ON /CHG
VOL
Open drain CHG pin
ISINK = 5 mA
500
mV
VCHG = 20 V,
IOFF,CHG
CHG leakage current when disabled
1
µA
0°C
≤ TJ ≤ 85°C
COMM PIN
RDS-
Comm1 and Comm2
Vrect = 2.6V
1
Ω
ON(COMM)
fCOMM
Signaling frequency on COMM pin
2.00
Kb/s
VCOMM1 = 20 V,
IOFF,Comm
Comm pin leakage current
1
µA
VCOMM2 = 20 V
CLAMP PIN
RDS-
Clamp1 and Clamp2
0.75
Ω
ON(CLAMP)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq51050B bq51051B


Similar Part No. - BQ51051B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51051B TI1-BQ51051B Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
BQ51051BRHLR TI1-BQ51051BRHLR Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
BQ51051BRHLT TI1-BQ51051BRHLT Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
BQ51051BYFPR TI1-BQ51051BYFPR Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
BQ51051BYFPT TI1-BQ51051BYFPT Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
More results

Similar Description - BQ51051B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51050B TI1-BQ51050B_14 Datasheet
2Mb / 35P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver and Battery Charger
BQ51050B TI1-BQ51050B_16 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Qi v1.1-Compliant Wireless Power Receiver
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
[Old version datasheet]   Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
   QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
   Qi Compliant Wireless Power Receiver
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
   QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
   QI Compliant Wireless Power Receiver Module
logo
Semtech Corporation
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com