Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771602DPJT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771602DPJT
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ771602DPJT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ771602DPJT Datasheet HTML 3Page - Texas Instruments BQ771602DPJT Datasheet HTML 4Page - Texas Instruments BQ771602DPJT Datasheet HTML 5Page - Texas Instruments BQ771602DPJT Datasheet HTML 6Page - Texas Instruments BQ771602DPJT Datasheet HTML 7Page - Texas Instruments BQ771602DPJT Datasheet HTML 8Page - Texas Instruments BQ771602DPJT Datasheet HTML 9Page - Texas Instruments BQ771602DPJT Datasheet HTML 10Page - Texas Instruments BQ771602DPJT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
bq771600, bq771601, bq771602
www.ti.com
SLUSAX0 – DECEMBER 2012
DC CHARACTERISTICS (continued)
Typical values stated where TA = 25°C and VDD = 14.4 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 3 V
to 20 V (unless otherwise noted).
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Delay Timer
CCD = 0.1 µF
tCD
OV Delay Time
1
1.5
2
s
(For capacitor sizing, see PIN DETAILS.)
CD Fault Detection
External Comparator The CD pin will first be quickly charged to this value
VCD
1.5
V
Threshold, Initial
before being discharged back to VSS.
Charge Value
tCHGDELAY CD Charging Delay
OVP to OUT delay with CD shorted to ground
20
170
ms
OV Detection
CD pin fast charging current from VSS to VCD to
ICHG
300
µA
Charging Current
begin delay countdown
OV Detection
IDSG
CD pin discharging current from VDELAY to VSS
100
nA
Discharging Current
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq771600 bq771601 bq771602


Similar Part No. - BQ771602DPJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771602DPJT TI1-BQ771602DPJT Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771602DPJT TI1-BQ771602DPJT Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
More results

Similar Description - BQ771602DPJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com