Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24095DSQT Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ24095DSQT
Description  1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24095DSQT Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24095DSQT Datasheet HTML 6Page - Texas Instruments BQ24095DSQT Datasheet HTML 7Page - Texas Instruments BQ24095DSQT Datasheet HTML 8Page - Texas Instruments BQ24095DSQT Datasheet HTML 9Page - Texas Instruments BQ24095DSQT Datasheet HTML 10Page - Texas Instruments BQ24095DSQT Datasheet HTML 11Page - Texas Instruments BQ24095DSQT Datasheet HTML 12Page - Texas Instruments BQ24095DSQT Datasheet HTML 13Page - Texas Instruments BQ24095DSQT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Viset
Vchg
Vts
Vout
1BatteryDetectCycle
Entered TTDM
t-time-10ms/div
5V/div
1V/div
1V/div
1V/div
Vin
Viset
Vts
Vout
t-time-5ms/div
2V/div
2V/div
1V/div
500mV/div
Vin
Vchg
Vpg
Vout
BatteryDetectMode
t-time-20ms/div
2V/div
5V/div
5V/div
2V/div
Vts
Viset
Vchg
Vpg
t-time-50ms/div
2V/div
2V/div
2V/div
500mV/div
Vin
Viset
Vchg
Vpg
t-time-100ms/div
2V/div
2V/div
2V/div
5V/div
Vin
Viset
Vchg
Vpg
t-time-20ms/div
2V/div
2V/div
5V/div
2V/div
bq24090, bq24091
bq24092, bq24093
bq24095
SLUS968D – JANUARY 2010 – REVISED DECEMBER 2012
www.ti.com
TYPICAL OPERATIONAL CHARACTERISTICS
SETUP: bq2409x typical applications schematic; VIN = 5V, VBAT = 3.6V (unless otherwise indicated)
POWER UP, DOWN, OVP, DISABLE AND ENABLE WAVEFORMS
Figure 1. OVP 8V Adaptor - Hot Plug
Figure 2. OVP from Normal Power-up
Operation – VIN 0V → 5V → 6.8V →5V
10k
Ω resistor from TS to GND. 10kΩ is shorted to disable the IC.
Fixed 10k
Ω resistor, between TS and GND.
Figure 3. TS Enable and Disable
Figure 4. Hot Plug Source w/No Battery – Battery Detection
Figure 5. Battery Removal – GND Removed 1st, 42
Ω Load
Figure 6. Battery Removal with OUT and
TS Disconnect 1st, With 100
Ω Load
NOTE: Continuous battery detection when not in TTDM.
10
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: bq24090 bq24091 bq24092 bq24093 bq24095


Similar Part No. - BQ24095DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
bq24090 TI-bq24090 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090DGQR TI-BQ24090DGQR Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results

Similar Description - BQ24095DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com