Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294703DSGR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294703DSGR
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294703DSGR Datasheet(HTML) 2 Page - Texas Instruments

  BQ294703DSGR Datasheet HTML 1Page - Texas Instruments BQ294703DSGR Datasheet HTML 2Page - Texas Instruments BQ294703DSGR Datasheet HTML 3Page - Texas Instruments BQ294703DSGR Datasheet HTML 4Page - Texas Instruments BQ294703DSGR Datasheet HTML 5Page - Texas Instruments BQ294703DSGR Datasheet HTML 6Page - Texas Instruments BQ294703DSGR Datasheet HTML 7Page - Texas Instruments BQ294703DSGR Datasheet HTML 8Page - Texas Instruments BQ294703DSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
bq294700, bq294701, bq294702
bq294703, bq294704, bq294705
SLUSB15 – SEPTEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
Package
OV Hysteresis
Tape and Reel
TA
Part Number
Package
OVP (V)
Output Drive
Designator
(V)
(Large)
bq294700
4.350
0.300
CMOS Active High
bq294700DSGR
bq294701
4.250
0.300
CMOS Active High
bq294701DSGR
bq294702
4.300
0.300
CMOS Active High
bq294702DSGR
bq294703
4.325
0.300
CMOS Active High
bq294703DSGR
–40°C to
8-pin
DSG
bq294704
4.400
0.300
CMOS Active High
bq294704DSGR
110°C
SON
bq294705
4.450
0.300
CMOS Active High
bq294705DSGR
CMOS Active High
bq2947xy(1)
3.850–4.600
0–0.300
or Open Drain
bq2947xyTBD
Active Low
(1)
Future option, contact TI.
THERMAL INFORMATION
bq2947xy
THERMAL METRIC(1)
SON
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance
62
θJC(top)
Junction-to-case(top) thermal resistance
72
θJB
Junction-to-board thermal resistance
32.5
°C/W
ψJT
Junction-to-top characterization parameter
1.6
ψJB
Junction-to-board characterization parameter
33
θJC(bottom)
Junction-to-case(bottom) thermal resistance
10
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: bq294700 bq294701 bq294702 bq294703 bq294704 bq294705


Similar Part No. - BQ294703DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294703DSGR TI1-BQ294703DSGR Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294703DSGR TI1-BQ294703DSGR Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294703DSGR TI1-BQ294703DSGR Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294703DSGR TI-BQ294703DSGR Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294703DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com