Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18534Q5A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18534Q5A
Description  60-V N-Channel NexFET Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18534Q5A Datasheet(HTML) 2 Page - Texas Instruments

  CSD18534Q5A Datasheet HTML 1Page - Texas Instruments CSD18534Q5A Datasheet HTML 2Page - Texas Instruments CSD18534Q5A Datasheet HTML 3Page - Texas Instruments CSD18534Q5A Datasheet HTML 4Page - Texas Instruments CSD18534Q5A Datasheet HTML 5Page - Texas Instruments CSD18534Q5A Datasheet HTML 6Page - Texas Instruments CSD18534Q5A Datasheet HTML 7Page - Texas Instruments CSD18534Q5A Datasheet HTML 8Page - Texas Instruments CSD18534Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CSD18534Q5A
SLPS389A – OCTOBER 2012 – REVISED JANUARY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250μA
60
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 48V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
1.5
1.9
2.3
V
VGS = 4.5V, ID = 14A
9.9
12.4
m
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 14A
7.8
9.8
m
gfs
Transconductance
VDS = 30V, ID = 14A
72
S
Dynamic Characteristics
Ciss
Input Capacitance
1360
1770
pF
Coss
Output Capacitance
VGS = 0V, VDS = 30V, f = 1MHz
167
217
pF
Crss
Reverse Transfer Capacitance
5.0
6.5
pF
RG
Series Gate Resistance
1.5
3.0
Qg
Gate Charge Total (4.5V)
8.5
11.1
nC
Qg
Gate Charge Total (10V)
17
22
Qgd
Gate Charge Gate to Drain
VDS = 30V, ID = 14A
3.5
nC
Qgs
Gate Charge Gate to Source
3.2
nC
Qg(th)
Gate Charge at Vth
2.6
nC
Qoss
Output Charge
VDS = 30V, VGS = 0V
19
nC
td(on)
Turn On Delay Time
5.2
ns
tr
Rise Time
5.5
ns
VDS = 30V, VGS = 10V, IDS = 14A, RG = 0Ω
td(off)
Turn Off Delay Time
15
ns
tf
Fall Time
2.0
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 14A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
54
nC
VDS= 30V, IF = 14A, di/dt = 300A/μs
trr
Reverse Recovery Time
40
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case(1)
1.8
°C/W
RθJA
Thermal Resistance Junction to Ambient(1)(2)
50
°C/W
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CSD18534Q5A


Similar Part No. - CSD18534Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18534Q5A TI1-CSD18534Q5A Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI-CSD18534Q5A Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
CSD18534Q5AT TI1-CSD18534Q5AT Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD18534Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NKCS TI-CSD18537NKCS Datasheet
483Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532KCS TI-CSD18532KCS Datasheet
928Kb / 10P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com