Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3565 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565
Description  4MHz, High-Current Flash LED Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3565 Datasheet HTML 3Page - Texas Instruments LM3565 Datasheet HTML 4Page - Texas Instruments LM3565 Datasheet HTML 5Page - Texas Instruments LM3565 Datasheet HTML 6Page - Texas Instruments LM3565 Datasheet HTML 7Page - Texas Instruments LM3565 Datasheet HTML 8Page - Texas Instruments LM3565 Datasheet HTML 9Page - Texas Instruments LM3565 Datasheet HTML 10Page - Texas Instruments LM3565 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
65
70
75
80
85
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VIN(V)
VOUT= 8.5V @ 930mA
CL = 2.3A
CL = 2.6A
CL = 2.9A
CL = 3.3A
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
0.080
0.082
0.084
0.086
0.088
0.090
0.092
0.094
0.096
0.098
0.100
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
65
70
75
80
85
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
0.050
0.052
0.054
0.056
0.058
0.060
0.062
0.064
0.066
0.068
0.070
VIN(V)
+25°C
-30°C
+85°C
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
VIN(V)
+25°C
-30°C
+85°C
LM3565
www.ti.com
SNVS957 – JANUARY 2013
TYPICAL CHARACTERISTICS (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT1 = 10 µF, COUT2 = 10 µF, L = 1 µH.
Figure 7. Input Current vs Input Voltage at 930mA
Figure 8. 60mA Torch LED Current vs Input Voltage
Figure 9. 90mA Torch LED Current vs Input Voltage
Figure 10. LED Efficiency vs Input Voltage at 60mA
Figure 11. LED Efficiency vs Input Voltage at 90mA
Figure 12. Inductor Current Limit vs Input Voltage
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: LM3565


Similar Part No. - LM3565

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM356 FCI-LM356 Datasheet
324Kb / 5P
   LOW Voltage Audio Power Amplifier
logo
Texas Instruments
LM3560 TI1-LM3560 Datasheet
3Mb / 42P
[Old version datasheet]   LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
LM3560 TI1-LM3560 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3560TLE-20 TI1-LM3560TLE-20 Datasheet
3Mb / 42P
[Old version datasheet]   LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
LM3560TLE-20/NOPB TI1-LM3560TLE-20/NOPB Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
More results

Similar Description - LM3565

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3649 AMSCO-AS3649 Datasheet
3Mb / 39P
   2500mA High Current LED Flash Driver
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
   2000mA High Current LED Flash Driver
AS3643 AMSCO-AS3643 Datasheet
4Mb / 34P
   1300mA High Current LED Flash Driver
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
   1600mA High Current LED Flash Driver
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
   High Current LED Flash Driver Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com