Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59284DBQR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59284DBQR
Description  16-Channel, Constant-Current LED Driver with Switching Delay
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59284DBQR Datasheet(HTML) 4 Page - Texas Instruments

  TLC59284DBQR Datasheet HTML 1Page - Texas Instruments TLC59284DBQR Datasheet HTML 2Page - Texas Instruments TLC59284DBQR Datasheet HTML 3Page - Texas Instruments TLC59284DBQR Datasheet HTML 4Page - Texas Instruments TLC59284DBQR Datasheet HTML 5Page - Texas Instruments TLC59284DBQR Datasheet HTML 6Page - Texas Instruments TLC59284DBQR Datasheet HTML 7Page - Texas Instruments TLC59284DBQR Datasheet HTML 8Page - Texas Instruments TLC59284DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
´
(I
atV
=1V)
OUTn
OUTn
(I
atV
=3V)
(I
atV
=1V)
-
OUTn
OUTn
OUTn
OUTn
D (%/V)=
100
3V
1V
-
(I
atV
=3V)
OUTn
CC
(I
atV
=5.5V)
(I
atV
=3V)
OUTn
CC
OUTn
CC
-
D (%/V)=
´
100
5.5V
3V
-
I
= 43.8
OUT(IDEAL)
´
1.208 V
R
IREF
D (%)=
IdealOutputCurrent
- (IdealOutputCurrent)
(I
+I
+...I
+I
)
OUT0
OUT1
OUT14
OUT15
16
´ 100
D (%)=
- 1
I
OUTn
(I
+I
+...+I
+I
)
OUT0
OUT1
OUT15
OUT14
16
´ 100
TLC59284
SBVS208A – OCTOBER 2012 – REVISED OCTOBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
All minimum and maximum specifications are at TA = –40°C to +85°C and VCC = 3 V to 5.5 V, unless otherwise noted.
Typical specifications are at TA = +25°C and VCC = 3.3 V.
TLC59284
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High
IOH = –2 mA at SOUT
VCC – 0.4
VCC
V
Output voltage
VOL
Low
IOL = 2 mA at SOUT
0.4
V
VIREF
Reference voltage output
RIREF = 1.5 kΩ, TA = +25°C
1.208
V
IIN
Input current
VIN = VCC or GND at SIN and SCLK
–1
1
μA
ICC0
SIN, SCLK, LAT = GND, BLANK = VOUTn = VCC, RIREF = open
1
2
mA
SIN, SCLK, LAT = GND, BLANK = VOUTn = VCC,
ICC1
3
4
mA
RIREF = 3 kΩ (IOUT = 17.6 mA target)
Supply current (VCC)
All OUTn = ON, SIN, SCLK, LAT, BLANK = GND,
ICC2
7
9
mA
VOUTn = 0.8 V, RIREF = 3 kΩ
All OUTn = ON, SIN, SCLK, LAT, BLANK = GND,
ICC3
8
11
mA
VOUTn = 0.8 V, RIREF = 1.5 kΩ (IOUT = 35.3 mA target)
All OUTn = ON, VOUTn = VOUTfix = 0.8 V, RIREF = 1.5 kΩ,
IOLC
Constant output current
32.9
35.3
37.7
mA
TA = +25°C (see Figure 8)
TJ = +25°C
0.1
μA
All OUTn = OFF, VOUTn = VOUTfix = 10 V,
IOLKG0
Output leakage current
TJ = +85°C
0.2
μA
BLANK = VCC, RIREF = 1.5 kΩ (see Figure 8)
TJ = +125°C
0.07
0.5
μA
Channel-to-
All OUTn = ON, VOUTn = VOUTfix = 0.8 V, RIREF = 1.5 kΩ,
ΔIOLC0
±1.4
±3
%
channel(1)
TA = +25°C (see Figure 8)
Constant-
current error
Device-to-
All OUTn = ON, VOUTn = VOUTfix = 0.8 V, RIREF = 1.5 kΩ,
ΔIOLC1
±2
±4
%
device(2)
TA = +25°C (see Figure 8)
All OUTn = ON, VOUTn = VOUTfix = 0.8 V, RIREF = 1.5 kΩ,
ΔIOLC2
Line regulation(3)
±0.05
±1
%/V
VCC = 3 V to 5.5 V
All OUTn = ON, VOUTn = 0.8 V to 3 V, VOUTfix = 0.8 V,
ΔIOLC3
Load regulation(4)
±0.5
±1
%/V
RIREF = 1.5 kΩ
RPUP
Pull-up
BLANK
250
500
750
k
Ω
Resistor
RPDWN
Pull-down
LAT
250
500
750
k
Ω
(1)
The deviation of each output from the average of OUT0 to OUT15 constant-current. Deviation is calculated by the formula:
(2)
The deviation of the OUT0 to OUT15 constant-current average from the ideal constant-current value.
Deviation is calculated by the following formula:
Ideal current is calculated by the formula:
(3)
Line regulation is calculated by this equation:
(4)
Load regulation is calculated by the equation:
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC59284


Similar Part No. - TLC59284DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC59281 TI-TLC59281 Datasheet
462Kb / 19P
[Old version datasheet]   16-Channel, Constant-Current LED Driver
TLC59281 TI-TLC59281 Datasheet
653Kb / 23P
[Old version datasheet]   16-Channel,Constant-Current LED Driver
More results

Similar Description - TLC59284DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59282 TI1-TLC59282_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282 TI-TLC59282 Datasheet
479Kb / 21P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
TLC59282DBQR TI-TLC59282DBQR Datasheet
1Mb / 25P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 4-Channel Grouped Delay
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com