Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59731DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59731DR
Description  3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59731DR Datasheet(HTML) 3 Page - Texas Instruments

  TLC59731DR Datasheet HTML 1Page - Texas Instruments TLC59731DR Datasheet HTML 2Page - Texas Instruments TLC59731DR Datasheet HTML 3Page - Texas Instruments TLC59731DR Datasheet HTML 4Page - Texas Instruments TLC59731DR Datasheet HTML 5Page - Texas Instruments TLC59731DR Datasheet HTML 6Page - Texas Instruments TLC59731DR Datasheet HTML 7Page - Texas Instruments TLC59731DR Datasheet HTML 8Page - Texas Instruments TLC59731DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TLC59731
www.ti.com
SBVS222 – FEBRUARY 2013
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
MIN
MAX
UNIT
Supply, VCC
VCC
–0.3
+7.0
V
Input range, VIN
SDI
–0.3
VCC + 1.2
V
Voltage(2)
OUT0 to OUT2
–0.3
+21
V
Output range, VOUT
SDO
–0.3
+7.0
V
Current
Output (dc), IOUT
OUT0 to OUT2
0
+60
mA
Operating junction, TJ
–40
+150
°C
Temperature
Storage, Tstg
–55
+150
°C
Human body model (HBM)
8000
V
Electrostatic discharge (ESD) ratings:
Charged device model (CDM)
2000
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
THERMAL INFORMATION
TLC59731
D
THERMAL METRIC(1)
UNITS
(SO)
8 PINS
θJA
Junction-to-ambient thermal resistance
134.6
θJCtop
Junction-to-case (top) thermal resistance
88.6
θJB
Junction-to-board thermal resistance
75.3
°C/W
ψJT
Junction-to-top characterization parameter
37.7
ψJB
Junction-to-board characterization parameter
74.8
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLC59731


Similar Part No. - TLC59731DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5973 TI1-TLC5973 Datasheet
665Kb / 34P
[Old version datasheet]   TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
TLC5973D TI1-TLC5973D Datasheet
665Kb / 34P
[Old version datasheet]   TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
TLC5973DR TI1-TLC5973DR Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
TLC5973DR TI1-TLC5973DR Datasheet
665Kb / 34P
[Old version datasheet]   TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
More results

Similar Description - TLC59731DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5973 TI1-TLC5973 Datasheet
665Kb / 34P
[Old version datasheet]   TLC5973 3-Channel, 12-Bit, PWM Constant-Current LED Driver with Single-Wire Interface (EasySet)
logo
Rohm
BD7844AEFV-LB ROHM-BD7844AEFV-LB Datasheet
676Kb / 18P
   16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
logo
Texas Instruments
TPIC2810 TI1-TPIC2810_15 Datasheet
880Kb / 23P
[Old version datasheet]   8-BIT LED DRIVER WITH 12C INTERFACE
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
   8 Channel LED Driver with I짼C Interface
logo
Clare, Inc.
MX877 CLARE-MX877 Datasheet
652Kb / 11P
   8-Channel, 60V Driver with Push-Pull Output, 3 Wire Interface
MX879 CLARE-MX879 Datasheet
607Kb / 11P
   8-Channel, 60V Driver with Open-Drain Output, 3 Wire Interface
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
[Old version datasheet]   LP5560 Programmable LED Driver With Single-Wire Interface
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
[Old version datasheet]   8-Channel Linear LED Driver With PWM Dimming
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com