Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28050PNQ Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320F28050PNQ
Description  Piccolo Microcontrollers
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28050PNQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320F28050PNQ Datasheet HTML 5Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 6Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 7Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 8Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 9Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 10Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 11Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 12Page - Texas Instruments TMS320F28050PNQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 143 page
background image
M0 Vector RAM (Enabled if VMAP = 0)
M0 SARAM (1K x 16, 0-Wait)
0x00 0000
0x00 0040
M1 SARAM (1K x 16, 0-Wait)
0x00 0400
Data Space
Prog Space
Reserved
0x00 2000
Reserved
Peripheral Frame 1
(1K x 16, Protected)
0x00 6000
Peripheral Frame 3
(1.5K x 16, Protected)
0x00 6400
Peripheral Frame 1
(1.5K x 16, Protected)
0x00 6A00
Peripheral Frame 2
(4K x 16, Protected)
0x00 7000
Reserved
Peripheral Frame 0
0x00 0800
Peripheral Frame 0
0x00 1580
0x00 0D00
PIE Vector - RAM
(256 x 16)
(Enabled if
VMAP = 1,
ENPIE = 1)
0x00 1400
0x00 0E00
0x00 1500
0x00 1480
CPU-to-CLA Message RAM
CLA-to-CPU Message RAM
CLA Registers
Peripheral Frame 0
0x00 8000
L0 DPSARAM (2K x 16)
(0-Wait, Z1 or Z2 Secure Zone + ECSL, CLA Data RAM 2)
0x00 8800
L1 DPSARAM (1K x 16)
(0-Wait, Z1 or Z2 Secure Zone + ECSL, CLA Data RAM 0)
0x00 8C00
L2 DPSARAM (1K x 16)
(0-Wait, Z1 or Z2 Secure Zone + ECSL, CLA Data RAM 1)
0x00 9000
L3 DPSARAM (4K x 16)
(0-Wait, Z1 or Z2 Secure Zone + ECSL, CLA Prog RAM)
0x3D 7800
User OTP, Zone 2 Passwords (512 x 16)
0x3D 7A00
User OTP, Zone 1 Passwords (512 x 16)
0x00 F000
CLA Data ROM (4K x 16)
0x00 A000
Reserved
0x01 0000
Reserved
0x3D 7C00
Reserved
0x3D 7E00
Calibration Data
FLASH
(64K x 16, 10 Sectors, Dual Secure Zone + ECSL)
(Z1/Z2 User-Selectable Security Zone Per Sector)
0x3E 8000
0x3F 7FFF
Zone 1 Secure Copy Code ROM
(1K x 16)
0x3F 8000
Zone 2 Secure Copy Code ROM
(1K x 16)
0x3F 8400
0x3D 7FCB
Configuration Data
0x3F FFC0
0x3F D000
Vector (32 Vectors, Enabled if VMAP = 1)
Boot ROM (12K x 16, 0-Wait)
0x3D 7FF0
Reserved
0x3F 8800
Reserved
TMS320F28055, TMS320F28054, TMS320F28053
TMS320F28052, TMS320F28051, TMS320F28050
www.ti.com
SPRS797 – NOVEMBER 2012
A.
CLA-specific registers and RAM apply to the 28055 device only.
Figure 2-1. 28055 and 28054 Memory Map
Copyright © 2012, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Links: TMS320F28055 TMS320F28054 TMS320F28053 TMS320F28052 TMS320F28051
TMS320F28050


Similar Part No. - TMS320F28050PNQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28050PNQ TI1-TMS320F28050PNQ Datasheet
1Mb / 150P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28050PNQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com