Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5402 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5402
Description  3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5402 Datasheet(HTML) 3 Page - Texas Instruments

  TPS5402 Datasheet HTML 1Page - Texas Instruments TPS5402 Datasheet HTML 2Page - Texas Instruments TPS5402 Datasheet HTML 3Page - Texas Instruments TPS5402 Datasheet HTML 4Page - Texas Instruments TPS5402 Datasheet HTML 5Page - Texas Instruments TPS5402 Datasheet HTML 6Page - Texas Instruments TPS5402 Datasheet HTML 7Page - Texas Instruments TPS5402 Datasheet HTML 8Page - Texas Instruments TPS5402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BOOT
1
2
3
4
5
6
7
8
VIN
ROSC
GND
COMP
VSENSE
SS
LX
D PACKAGE
(TOP VIEW)
GROUND
VOUT
VIN
BOOT
1
2
3
4
5
6
7
8
VIN
SS
GND
COMP
VSENSE
ROSC
LX
TPS5402
www.ti.com
SLVSBK4 – SEPTEMBER 2012
PCB LAYOUT
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
8-pin SOIC (D)
TPS5402DR
TPS5402
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
PIN OUT
TERMINAL FUNCTIONS
NAME
NO.
DESCRIPTION
BOOT
1
A 0.1-µF bootstrap capacitor is required between BOOT and LX.
VIN
2
Input supply voltage, 3.5 V to 28 V
Switching frequency program pin. Connect a resistor to this pin to set the switching frequency. Connect the
ROSC
3
pin to ground for a default 70-kHz switching frequency. Leave the pin open for 120-kHz switching
frequency.
SS
4
Soft start pin. An external capacitor connected to this pin sets the output rise time.
VSENSE
5
Output voltage feedback pin
Error amplifier output and input to the PWM comparator. Connect frequency compensation components to
COMP
6
this pin.
GND
7
Ground
LX
8
Switching node to external inductor
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS5402


Similar Part No. - TPS5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54020 TI1-TPS54020 Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWR TI1-TPS54020RUWR Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWR TI-TPS54020RUWR Datasheet
2Mb / 43P
[Old version datasheet]   Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
TPS54020RUWT TI1-TPS54020RUWT Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWT TI-TPS54020RUWT Datasheet
2Mb / 43P
[Old version datasheet]   Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
More results

Similar Description - TPS5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
[Old version datasheet]   4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI1-TPS5405 Datasheet
719Kb / 18P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS54334 TI-TPS54334_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS54334 4.2-V to 28-V Input Voltage, 3-A Output Current Synchronous SWIFT??Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com