Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5402DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5402DR
Description  3.5-V TO 28-V INPUT VOLTAGE, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5402DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS5402DR Datasheet HTML 4Page - Texas Instruments TPS5402DR Datasheet HTML 5Page - Texas Instruments TPS5402DR Datasheet HTML 6Page - Texas Instruments TPS5402DR Datasheet HTML 7Page - Texas Instruments TPS5402DR Datasheet HTML 8Page - Texas Instruments TPS5402DR Datasheet HTML 9Page - Texas Instruments TPS5402DR Datasheet HTML 10Page - Texas Instruments TPS5402DR Datasheet HTML 11Page - Texas Instruments TPS5402DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
1.167
OSC
SW
R
(k
)
21.82 f
-
W =
×
TPS5402
SLVSBK4 – SEPTEMBER 2012
www.ti.com
OVERVIEW
The TPS5402 is a 28-V, 1.7-A, step-down (buck) converter with an integrated high-side N-channel MOSFET. To
improve performance during line and load transients, the device implements a constant frequency, current mode
control which reduces output capacitance and simplifies external frequency compensation design.
The TPS5402’s switching frequency is adjustable with an external resistor or fixed by connecting the frequency
program pin to GND or leaving it unconnected.
The TPS5402 starts switching at VIN equal to 3.5 V. The operating current is 100 μA typically when not switching
and under no load. When the device is disabled, the supply current is 1
μA typically.
The integrated 120-m
Ω high-side MOSFET allows for high efficiency power supply designs with continuous
output currents up to 1.7 A.
The TPS5402 reduces the external component count by integrating the boot recharge diode. The bias voltage for
the integrated high-side MOSFET is supplied by an external capacitor on the BOOT to PH pins. The boot
capacitor voltage is monitored by an UVLO circuit and will turn the high-side MOSFET off when the voltage falls
below a preset threshold of 2.1 V typically.
By adding an external capacitor, the slow start time of the TPS5402 can be adjustable which enables flexible
output filter selection. To improve the efficiency at light load conditions, the TPS5402 enters a special pulse
skipping mode when the peak inductor current drops below 300 mA typically. The frequency foldback reduces
the switching frequency during startup and over current conditions to help control the inductor current. The
thermal shut down gives the additional protection under fault conditions.
DETAILED DESCRIPTION
Adjustable Frequency PWM Control
The TPS5402 uses an external resistor to adjust the switching frequency. Connecting the ROSC pin to ground
fixes the switching frequency at 70 kHz, leaving it open gives 120-kHz switching frequency.
Figure 11. ROSC vs Switching Frequency
(1)
For operation at 300 kHz, an 85.5-k
Ω resistor is required.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS5402


Similar Part No. - TPS5402DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54020 TI1-TPS54020 Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWR TI1-TPS54020RUWR Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWR TI-TPS54020RUWR Datasheet
2Mb / 43P
[Old version datasheet]   Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
TPS54020RUWT TI1-TPS54020RUWT Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
TPS54020RUWT TI-TPS54020RUWT Datasheet
2Mb / 43P
[Old version datasheet]   Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
More results

Similar Description - TPS5402DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5403 TI-TPS5403 Datasheet
942Kb / 18P
[Old version datasheet]   4.5-V TO 28-V INPUT VOLTAGE, 3.3-V FIXED OUTPUT, 1.7-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI-TPS5405_15 Datasheet
887Kb / 19P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS5405 TI1-TPS5405 Datasheet
719Kb / 18P
[Old version datasheet]   6.5-V TO 28-V INPUT VOLTAGE, 5-V FIXED OUTPUT, 2-A OUTPUT CURRENT, NON-SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS54334 TI-TPS54334_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS54334 4.2-V to 28-V Input Voltage, 3-A Output Current Synchronous SWIFT??Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com