Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS23785B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23785B
Description  High-Power, High-Efficiency PoE PD and DC-to-DC Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23785B Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS23785B Datasheet HTML 6Page - Texas Instruments TPS23785B Datasheet HTML 7Page - Texas Instruments TPS23785B Datasheet HTML 8Page - Texas Instruments TPS23785B Datasheet HTML 9Page - Texas Instruments TPS23785B Datasheet HTML 10Page - Texas Instruments TPS23785B Datasheet HTML 11Page - Texas Instruments TPS23785B Datasheet HTML 12Page - Texas Instruments TPS23785B Datasheet HTML 13Page - Texas Instruments TPS23785B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
( )
( )
BLNK
BLNK
R
k
= t
ns
W
(
)
(
)
APD1
APD2
ADPTR_ON
APDEN
APDEN
APD1
APD2
ADPTR_OFF
APDEN
APDH
APD2
R
= R
V
V
V
R
+ R
V
=
V
V
R
´
-
´
-
TPS23785B
SLUSB90A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
Detailed Pin Description
See the Typical Application Diagram for component reference designators (RCS for example), and the Electrical
Characteristics table for values denoted by reference (VCSMAX for example). Electrical Characteristic values take
precedence over any numerical values used in the following sections.
APD
APD forces power to come from an external adapter connected from VDD1 to RTN by opening the hotswap
switch, disabling the CLS output, and enabling the T2P output. A resistor divider is recommended on APD when
it is connected to an external adapter. The divider provides ESD protection, leakage discharge for the adapter
ORing diode, and input voltage qualification. Voltage qualification assures the adapter output voltage is high
enough that it can support the PD before the PoE current is cut off.
Select the APD divider resistors per Equation 1 where VADPTR-ON is the desired adapter voltage that enables the
APD function as adapter voltage rises.
(1)
SLVA306A (or most recent) provides a sample calculation.
Place the APD pull-down resistor adjacent to the APD pin.
APD should be tied to ARTN when not used.
BLNK
Blanking provides an interval between GATE going high and the current-control comparators on CS actively
monitoring the input. This delay allows the normal turn-on current transient (spike) to subside before the
comparators are active, preventing undesired short duty cycles and premature current limiting.
Connect BLNK to ARTN to obtain the internally set blanking period. Connect a resistor from BLNK to ARTN for a
more accurate, programmable blanking period. The relationship between the desired blanking period and the
programming resistor is defined by Equation 2.
(2)
Place the resistor adjacent to the BLNK pin when it is used.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TPS23785B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
TPS2378DDA TI1-TPS2378DDA Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
TPS2378DDAR TI1-TPS2378DDAR Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
More results

Similar Description - TPS23785B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23754 TI1-TPS23754_17 Datasheet
2Mb / 45P
[Old version datasheet]   High-Power/High-Efficiency PoE Interface and DC-DC Controller
TPS23754 TI-TPS23754_10 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23754 TI-TPS23754 Datasheet
1Mb / 41P
[Old version datasheet]   High Power/High Efficiency PoE Interface and DC/DC Controller
TPS23757 TI-TPS23757 Datasheet
1Mb / 37P
[Old version datasheet]   High Efficiency PoE Interface and DC/DC Controller
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
logo
ON Semiconductor
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
[Old version datasheet]   TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com