Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7655DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7655DN
Description  P-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7655DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7655DN Datasheet HTML 1Page - Vishay Siliconix SI7655DN Datasheet HTML 2Page - Vishay Siliconix SI7655DN Datasheet HTML 3Page - Vishay Siliconix SI7655DN Datasheet HTML 4Page - Vishay Siliconix SI7655DN Datasheet HTML 5Page - Vishay Siliconix SI7655DN Datasheet HTML 6Page - Vishay Siliconix SI7655DN Datasheet HTML 7Page - Vishay Siliconix SI7655DN Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si7655DN
New Product
Document Number: 63617
S12-2393-Rev. B, 15-Oct-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
P-Channel 20 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
Low Thermal Resistance PowerPAK®
Package with Small Size and Low 0.75 mm
Profile
•100 % Rg and UIS Tested
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Smart Phones, Tablet PCs, Mobile
Computing
- Battery Switch
- Load Switch
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. See solder profile (
www.vishay.com/doc?73257). The PowerPAK 1212-8S is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
d. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
e. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
Qg (Typ.)
- 20
0.0036 at VGS = - 10 V
- 40e
72 nC
0.0048 at VGS = - 4.5 V
- 40e
0.0085 at VGS = - 2.5 V
- 40e
Ordering Information:
Si7655DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
Bottom View
3.3 mm
3.3 mm
G
1
2
3
4
8
7
6
5
S
S
S
D
D
D
D
PowerPAK 1212-8S
0.75 mm
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 40e
A
TC = 70 °C
- 40e
TA = 25 °C
- 31a, b
TA = 70 °C
- 25a, b
Pulsed Drain Current (t = 300 µs)
IDM
- 100
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 40e
TA = 25 °C
- 4a, b
Avalanche Current
L = 0.1 mH
IAS
- 20
Single-Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
57
W
TC = 70 °C
36
TA = 25 °C
4.8a, b
TA = 70 °C
3a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 50 to 150
°C
Soldering Recommendations (Peak Temperature)c, d
260


Similar Part No. - SI7655DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7655DN VISHAY-SI7655DN_V01 Datasheet
218Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7655DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com