Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25910 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25910
Description  3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS25910 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS25910 Datasheet HTML 2Page - Texas Instruments TPS25910 Datasheet HTML 3Page - Texas Instruments TPS25910 Datasheet HTML 4Page - Texas Instruments TPS25910 Datasheet HTML 5Page - Texas Instruments TPS25910 Datasheet HTML 6Page - Texas Instruments TPS25910 Datasheet HTML 7Page - Texas Instruments TPS25910 Datasheet HTML 8Page - Texas Instruments TPS25910 Datasheet HTML 9Page - Texas Instruments TPS25910 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
GND
OUT
IN
IN
IN
GATE
OUT
OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RSA-16 Package
(Top View)
Thermal Pad
TPS25910
SLUSAR6B – SEPTEMBER 2012 – REVISED MARCH 2013
www.ti.com
TPS25910 PIN ASSIGNMENT
PIN FUNCTIONS
PIN NAME
PIN NUMBER
DESCRIPTION
EN
16
Device is enabled when this pin is pulled low.
IN
1, 2, 3
Power In and control supply voltage.
If the chip die temperature exceeds the OTSD rising threshold, GATE is pulled down to GND by a
GATE
4
7.5KOhm resistor.
ILIM
7
A resistor to ground sets the current limit level.
GND
5, 6, 8, 9, 13, 14
GND
OUT
10, 11, 12
Output to the load.
Fault low indicates that the internal pass FET junction temperature exceeds the thermal shutdown
FLT
15
threshold
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS25910


Similar Part No. - TPS25910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS2590RSA TI1-TPS2590RSA Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS2590RSAR TI1-TPS2590RSAR Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS2590RSAT TI1-TPS2590RSAT Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS25910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
logo
Vishay Siliconix
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. D, 01-Jun-15
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
08-Feb-17
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
   28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. E, 24-Oct-16
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
   28 V, 99 m?? Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. F, 06-May-13
SIP32430 VISHAY-SIP32430 Datasheet
1,014Kb / 16P
   28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. A, 15-Jun-15
SIP32419 VISHAY-SIP32419 Datasheet
580Kb / 14P
   28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. E, 24-Oct-16
SIP32429 VISHAY-SIP32429_V01 Datasheet
663Kb / 16P
   28 V, 56 m廓, Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com