Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25910RSAT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25910RSAT
Description  3-V to 20-V High-Current Load Switch with Programmable Inrush Slew Rate
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS25910RSAT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS25910RSAT Datasheet HTML 7Page - Texas Instruments TPS25910RSAT Datasheet HTML 8Page - Texas Instruments TPS25910RSAT Datasheet HTML 9Page - Texas Instruments TPS25910RSAT Datasheet HTML 10Page - Texas Instruments TPS25910RSAT Datasheet HTML 11Page - Texas Instruments TPS25910RSAT Datasheet HTML 12Page - Texas Instruments TPS25910RSAT Datasheet HTML 13Page - Texas Instruments TPS25910RSAT Datasheet HTML 14Page - Texas Instruments TPS25910RSAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
EXT
CHARGE
INT
IN
Δt
C
I
C
V
=
´
-
LOAD
IN
C LOAD
C
V
Δt
I
-
´
=
TPS25910
www.ti.com
SLUSAR6B – SEPTEMBER 2012 – REVISED MARCH 2013
Slew Rate Control Using CGATE
The TPS25910 can be used with applications that require constant turn-on currents. The current is controlled by
a single capacitor from the GATE terminal to ground. The TPS25910 internal MOSFET appears to operate as a
source follower (following the gate voltage) in this implementation. Choose a time to charge,
Δt, based on the
output capacitor, input voltage VI, and desired charge current, ICHARGE. Select the device load to be less than 5
W ÷ VIN.
(11)
To select the gate capacitance:
(12)
ICHARGE = 11 µA
CINT = 200 pF (typical)
Figure 7 and Figure 8 illustrate the effects of CEXT = 0.1 µF on inrush current using TPS25910EVM-088.
Figure 7. Typical Power Limited Inrush Start Up (no CEXT)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS25910


Similar Part No. - TPS25910RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS2590RSA TI1-TPS2590RSA Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS2590RSAR TI1-TPS2590RSAR Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS2590RSAT TI1-TPS2590RSAT Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS25910RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2590 TI1-TPS2590 Datasheet
1Mb / 20P
[Old version datasheet]   3-V to 20-V High-Current Load Switch
logo
Vishay Siliconix
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. D, 01-Jun-15
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
08-Feb-17
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
   28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. E, 24-Oct-16
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
   28 V, 99 m?? Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
   1.1 V to 5.5 V, Slew Rate Controlled Load Switch
Rev. F, 06-May-13
SIP32430 VISHAY-SIP32430 Datasheet
1,014Kb / 16P
   28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. A, 15-Jun-15
SIP32419 VISHAY-SIP32419 Datasheet
580Kb / 14P
   28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. E, 24-Oct-16
SIP32429 VISHAY-SIP32429_V01 Datasheet
663Kb / 16P
   28 V, 56 m廓, Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com