Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS27082LDDCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS27082LDDCR
Description  1.2V - 8V, 3A PFET Load Switch with Adjustable Slew Rate, Fast Transient Isolation and Hysteretic Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS27082LDDCR Datasheet(HTML) 5 Page - Texas Instruments

  TPS27082LDDCR Datasheet HTML 1Page - Texas Instruments TPS27082LDDCR Datasheet HTML 2Page - Texas Instruments TPS27082LDDCR Datasheet HTML 3Page - Texas Instruments TPS27082LDDCR Datasheet HTML 4Page - Texas Instruments TPS27082LDDCR Datasheet HTML 5Page - Texas Instruments TPS27082LDDCR Datasheet HTML 6Page - Texas Instruments TPS27082LDDCR Datasheet HTML 7Page - Texas Instruments TPS27082LDDCR Datasheet HTML 8Page - Texas Instruments TPS27082LDDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
3
rise
2/3
50
10
C1
t
sec
VIN
´
´
=
final
initial
inrush
load
load
VOUT
– VOUT
dv
I
C
C
dt
Vout Slew Rate
´
´
=
=
Q1
R1
VGS
VIN
V
R1
12.5 k
= -
´
+
ESD
ESD
ESD
Logic &
Control
TPS27082L
(4)
(6)
(5)
(2, 3)
RS=12.5kΩ
C1
VOUT
VIN
R1/C1
ON/OFF
R1
GND
(1)
ESD
Q1
Q2
TPS27082L
www.ti.com
SLVSBR5 – DECEMBER 2012
APPLICATION INFORMATION
The TPS27082L IC is a high side load switch that integrates a Power PFET and its control circuit in a tiny TSOT-
23 package. TPS27082L supports up to 8V supply input and up to 3A of load current. The TPS27082L can be
used in a variety of applications. Figure 1 shows a general application of TPS27082L to control capacitive load
inrush current.
Figure 1. Typical Application Diagram
Configuring Q1 ON resistance
VGS-Q1, Gate-Source voltage, of PMOS transistor Q1 sets its ON resistance RDSQ1(ON). Connecting a high value
pull up resistor R1 maximizes ON state VGS-Q1 and thus minimizes the VIN to VOUT voltage drop. Use the
following equation for calculating VGS-Q1:
(1)
e.g. R1= 125k
Ω, VIN = 5V sets VGSQ1 = -4.5V
NOTE
It is recommended to keep R1
≥ 125 kΩ. Higher value resistor R1 reduces ON-state
quiescent current, increases turn-OFF delay, while reducing ON/OFF negative going
threshold voltage VT–.
Configuring Turn-ON slew rate
Switching a large capacitive load CL instantaneously results in a load inrush current given by the following
equation:
(2)
An uncontrolled fast rising ON/OFF logic input may result in a high slew rate (dv/dt)at the output thus leading to a
higher load inrush current. To control the inrush current connect a capacitor C1 as shown in the Figure 1. Use
the following approximate empirical equation to configure the TPS27082L slew rate to a specific value.
(3)
Where trise is the time delta starting from the ON/OFF signal’s rising edge to charge up the load capacitor CL
from 10% to 90% of VIN voltage.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS27082L


Similar Part No. - TPS27082LDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS27081A TI1-TPS27081A Datasheet
1Mb / 14P
[Old version datasheet]   1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
TPS27081ADDCR TI1-TPS27081ADDCR Datasheet
1Mb / 14P
[Old version datasheet]   1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
logo
TECH PUBLIC Electronics...
TPS27081ADDCR-TP TECHPUBLIC-TPS27081ADDCR-TP Datasheet
3Mb / 6P
   Extremely Low RDS (on) P-Channel Load Switch MOSFET
logo
Texas Instruments
TPS27081ADRVR TI1-TPS27081ADRVR Datasheet
1Mb / 14P
[Old version datasheet]   1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
More results

Similar Description - TPS27082LDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS27081A TI1-TPS27081A Datasheet
1Mb / 14P
[Old version datasheet]   1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
logo
Fairchild Semiconductor
FPF2411 FAIRCHILD-FPF2411 Datasheet
1Mb / 13P
   Switch with Slew Rate Control and RCB
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
logo
Toshiba Semiconductor
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
   2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com