Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43060 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43060
Description  Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS43060 Datasheet(HTML) 3 Page - Texas Instruments

  TPS43060 Datasheet HTML 1Page - Texas Instruments TPS43060 Datasheet HTML 2Page - Texas Instruments TPS43060 Datasheet HTML 3Page - Texas Instruments TPS43060 Datasheet HTML 4Page - Texas Instruments TPS43060 Datasheet HTML 5Page - Texas Instruments TPS43060 Datasheet HTML 6Page - Texas Instruments TPS43060 Datasheet HTML 7Page - Texas Instruments TPS43060 Datasheet HTML 8Page - Texas Instruments TPS43060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LOGIC
and
CONTROL
5.5V or 7.5V
LDO
R
S
1.22V
OSC/PLL
1.21V
ILIM
FB
Reverse
Current
Detect
3.2µA
SS
COMP
FB
RT/CLK
EN
AGND
PGOOD
PGND
LDRV
VCC
SW
HDRV
BOOT
VIN
ISNS-
ISNS+
OVP
5µA
1.8µA
TPS43061
only
O
1.098V
1.342V
Slope
Compensation
TPS43060
TPS43061
www.ti.com
SLVSBP4A – DECEMBER 2012 – REVISED DECEMBER 2012
PIN FUNCTIONS (continued)
PIN
DESCRIPTION
NAME
NO.
Output of an internal LDO and power supply for internal control circuits and gate drivers. VCC is
VCC
10
typically 7.5V for the TPS43060 and 5.5 V for the TPS43061. Connect a low ESR ceramic capacitor
from this pin to PGND. The recommended capacitance range is from 0.47 µF to 10µF.
Bootstrap capacitor node for high-side MOSFET gate driver. Connect the bootstrap capacitor from this
BOOT
11
pin to the SW pin. For the TPS43060, also connect a bootstrap diode from VCC to BOOT.
Switching node of the boost converter. Connect this pin to the junction of the drain of the low side
SW
12
MOSFET, the source of high side synchronous MOSFET and the inductor.
High side gate driver output. Connect this pin to the gate of the high side synchronous rectifier
HDRV
13
MOSFET. When VIN bias is removed, this pin is connected to SW through an internal 200 k
Ω resistor.
Power good indicator. This pin is an open-drain output. A 10 k
Ω pull-up resistor is recommended
PGOOD
14
between PGOOD and VCC or an external logic supply pin.
Enable pin with internal pull-up current source. Floating this pin will enable the IC. Pull below 1.2 V to
EN
15
enter low current standby mode. Pull below 0.4 V to enter shutdown mode. The EN pin can be used to
implement adjustable undervoltage lockout (UVLO) using two resistors.
Analog signal ground of the IC. AGND should be connected to PGND at a single point on printed circuit
AGND
16
board.
The PowerPAD should be connected to AGND. If possible, use thermal vias to connect to an internal
PowerPAD
17
ground plane for improved power dissipation.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS43060 TPS43061


Similar Part No. - TPS43060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43060 TI1-TPS43060 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
More results

Similar Description - TPS43060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3863 LINER-LTC3863 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com