Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS43061RTER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43061RTER
Description  Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS43061RTER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS43061RTER Datasheet HTML 2Page - Texas Instruments TPS43061RTER Datasheet HTML 3Page - Texas Instruments TPS43061RTER Datasheet HTML 4Page - Texas Instruments TPS43061RTER Datasheet HTML 5Page - Texas Instruments TPS43061RTER Datasheet HTML 6Page - Texas Instruments TPS43061RTER Datasheet HTML 7Page - Texas Instruments TPS43061RTER Datasheet HTML 8Page - Texas Instruments TPS43061RTER Datasheet HTML 9Page - Texas Instruments TPS43061RTER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TPS43060
TPS43061
SLVSBP4A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 4.5 to 38 V, TJ = -40ºC to +150ºC, unless otherwise noted. Typical values are at TA = 25ºC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tCLK-min
Minimum input clock pulse width
PLL = 500 kHz
14
60
ns
vCLK-H
RT/CLK high threshold
1.78
2
V
RT/CLK low threshold
0.4
1.35
V
fCLK
PLL frequency sync range
300
1000
kHz
tPLLIN
PLL lock in time
100
250
µs
tPLLEXIT
Last RT/CLK falling edge to return to resistor timing mode if CLK is not present
140
250
µs
POWER SWITCH DRIVERS
VIN = 12 V - 40 V
2
TPS43060
Ω
VIN = 4.5 V
3
LDRV pull-up resistance
VIN = 12 V - 40 V
2.5
TPS43061
Ω
VIN = 4.5 V
3
RLDRV
VIN = 12 V - 40 V
1.2
TPS43060
Ω
VIN = 4.5 V
2
LDRV pull-down resistance
VIN = 12 V - 40 V
1.6
TPS43061
Ω
VIN = 4.5 V
2
VIN = 12 V - 40 V
2
TPS43060
Ω
VIN = 4.5 V
2.8
HDRV pull-up resistance
VIN = 12 V - 40 V
5
TPS43061
Ω
VIN = 4.5 V
5.5
RHDRV
VIN = 12 V - 40 V
1.2
TPS43060
Ω
VIN = 4.5 V
1.9
HDRV pull-down resistance
VIN = 12 V - 40 V
3
TPS43061
Ω
VIN = 4.5 V
3.7
TPS43060
15
High side gate rise time, 10% to
CLOAD = 2.2 nF,
tHR
ns
90%
VIN = 12 V - 40 V
TPS43061
20
TPS43060
10
High side gate fall time, 90% to
CLOAD = 2.2 nF,
tHF
ns
10%
VIN = 12 V - 40 V
TPS43061
15
TPS43060
15
Low side gate rise time, 10% to
CLOAD = 2.2 nF,
tLR
ns
90%
VIN = 12 V - 40 V
TPS43061
20
TPS43060
10
Low side gate fall time, 90% to
CLOAD = 2.2 nF,
tLF
ns
10%
VIN = 12 V - 40 V
TPS43061
15
BOOT diode forward voltage
VF
TPS43061
IF = 10 mA, TA = 25ºC
0.75
V
drop
IBOOT
BOOT pin leakage current
TPS43061
Vr = 60 V
0.1
µA
tON
LDRV minimum on pulse width
fSW = 500 kHz
100
ns
tOFF
LDRV minimum off pulse width
fSW = 500 kHz
250
ns
TPS43060,
VIN = 12V
65
ns
CLOAD = open,
Time delay between LDRV
VIN = 4.5V
75
ns
fSW = 500 kHz
fall(50%) to HDRV rise (50%),
TPS43061,
VIN = 12V
65
ns
tnon-overlap1
CLOAD = open,
VIN = 4.5V
75
ns
fSW = 500 kHz
tdelay
TPS43060,
VIN = 12V
65
ns
CLOAD = open,
Time delay between HDRV fall
VIN = 4.5V
75
ns
fSW = 500 kHz
(50%) to LDRV rise (50%), tnon-
TPS43061,
VIN = 12V
65
ns
overlap2
CLOAD = open,
VIN = 4.5V
75
ns
fSW = 500 kHz
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS43060 TPS43061


Similar Part No. - TPS43061RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43061 TI1-TPS43061 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
More results

Similar Description - TPS43061RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3863 LINER-LTC3863 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com