Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51312DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51312DRCT
Description  3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51312DRCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS51312DRCT Datasheet HTML 1Page - Texas Instruments TPS51312DRCT Datasheet HTML 2Page - Texas Instruments TPS51312DRCT Datasheet HTML 3Page - Texas Instruments TPS51312DRCT Datasheet HTML 4Page - Texas Instruments TPS51312DRCT Datasheet HTML 5Page - Texas Instruments TPS51312DRCT Datasheet HTML 6Page - Texas Instruments TPS51312DRCT Datasheet HTML 7Page - Texas Instruments TPS51312DRCT Datasheet HTML 8Page - Texas Instruments TPS51312DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS51312
www.ti.com
SLUSB57 – SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
Over operating free-air temperature range, VIN = 5 V, VCC = 5 V, VEN = 3.3 V (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VIN
Supply voltage
3.1
5.5
V
VCC
Supply voltage
3.1
5.5
V
SUPPLY CURRENT
IIN
Input voltage supply current
EN = High
100
μA
ISD
Input voltage shutdown current
EN = Low
12
μA
IVCC(in)
VCC supply current
EN = High
700
μA
IVCC(sd)
VCC shutdown current
EN = Low, TA = 25°C
20
μA
VFB REFERNCE VOLTAGE
VFBREF
Reference voltage
0.6
V
VFBREFTOL
Reference voltage tolerance
TA = 25°C
–1%
1%
IFB
Feedback pin leakage current
–100
100
nA
SMPS FREQUENCY
fSW
Switching frequency
0.9
MHz
tOFF(min)
Minimum off-time
110
190
270
ns
SW node high, VIN = 5 V
9
tDEAD
Dead time(1)
ns
SW node low, VIN = 5 V
10
LOGIC THRESHOLD AND CURRENT
VLL
EN low-level voltage
0.8
V
VLH
EN high-level voltage
1.5
V
ILLK
EN input leakage current
VIN = VCC = 3.3 V
–3
1
3
µA
MOSFET
RDS(on)_H
VIN = 5 V
81
On-resistance(1)
m
Ω
RDS(on)_L
VIN = 5 V
41
SOFT-START
tSS
Soft-start time(1)
VFB rising from 0 V to 0.6 V
300
µs
PGOOD COMPARATOR
PGOOD out to higher w/r/t VFB
130%
VPGTH
PGOOD threshold
PGOOD out to lower w/r/t VFB
50%
tPGDLY
PGOOD high delay time
Delay for PGOOD in, after EN = Hi
1.3
ms
IPGLK
PGOOD leakage current
–1
0
1
μA
PROTECTIONS
Valley current limit, VIN = VCC = 3.3 V,
IOCL
Current limit threshold
4.8
A
TA = 25°C
Wake-up
2.85
2.95
3.05
VIN_UVLO
VIN UVLO threshold voltage
V
Shutdown
2.6
2.7
2.8
Wake-up
2.85
2.95
3.05
VCC_UVLO
VCC UVLO threshold voltage
V
Shutdown
2.6
2.7
2.8
VOVP
OVP threshold voltage
OVP detect
130%
tOVP
OVP delay time
Overdrive = 100 mV
1.9
µs
VUVP
UVP threshold voltage
UVP detect
50%
tUVPDLY
UVP delay time
Overdrive = 100 mV
2.4
µs
(1)
Specified by design. Not production tested.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TPS51312


Similar Part No. - TPS51312DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51312DRCT TI1-TPS51312DRCT Datasheet
1Mb / 21P
[Old version datasheet]   3.1V to 5.5V Input 3-A Output Synchronous Step-Down Regulator
More results

Similar Description - TPS51312DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS54388-Q1 TI1-TPS54388-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com