Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53819ARGTT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53819ARGTT
Description  High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53819ARGTT Datasheet(HTML) 2 Page - Texas Instruments

  TPS53819ARGTT Datasheet HTML 1Page - Texas Instruments TPS53819ARGTT Datasheet HTML 2Page - Texas Instruments TPS53819ARGTT Datasheet HTML 3Page - Texas Instruments TPS53819ARGTT Datasheet HTML 4Page - Texas Instruments TPS53819ARGTT Datasheet HTML 5Page - Texas Instruments TPS53819ARGTT Datasheet HTML 6Page - Texas Instruments TPS53819ARGTT Datasheet HTML 7Page - Texas Instruments TPS53819ARGTT Datasheet HTML 8Page - Texas Instruments TPS53819ARGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TPS53819A
SLUSB56 – NOVEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)(2)
ORDERABLE
OUTPUT
MINIMUM ORDER
TA
PACKAGE
PINS
ECO PLAN
DEVICE
 
 SUPPLY
QUANTITY
TPS53819ARGTR
Tape-and-Reel
3000
Green (RoHS and
–40°C to 85°C
Plastic QFN (RGT)
16
no Pb/Br)
TPS53819ARGTT
Mini-reel
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VBST
–0.3
38
VBST(3)
–0.3
6
EN
–0.3
7.7
Input voltage range(2)
VO, FB, SCL, SDA, ADDR
–0.3
6
V
VDD
–0.3
30
DC
–3
32
SW
Pulse < 30% of the repetitive period
–5
32
DC
–3
38
DRVH
Pulse < 30% of the repetitive period
–5
38
Output voltage range(2)
DRVH(3), DRVL
–0.3
6
V
ALERT, VREG, TRIP
–0.3
6
PGOOD
–0.3
7.7
Human body model (HBM) QSS 009-105 (JESD22-A114A)
2000
V
Electrostatic discharge
Charged device model (CDM) QSS 009-147 (JESD22-C101B.01)
500
Junction temperature range, TJ
150
°C
Storage temperature range, Tstg
–55
150
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the SW terminal.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS53819A


Similar Part No. - TPS53819ARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
More results

Similar Description - TPS53819ARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Texas Instruments
TPS53219RGTT TI-TPS53219RGTT Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode, Single Synchronous Step-Down Controller
TPS53219A TI1-TPS53219A Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53219 TI-TPS53219 Datasheet
860Kb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219 Datasheet
945Kb / 36P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
Micrel Semiconductor
MIC2111B MICREL-MIC2111B Datasheet
3Mb / 35P
   High-Performance, Multi-Mode, Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com