Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54340DDA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54340DDA
Description  42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54340DDA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54340DDA Datasheet HTML 3Page - Texas Instruments TPS54340DDA Datasheet HTML 4Page - Texas Instruments TPS54340DDA Datasheet HTML 5Page - Texas Instruments TPS54340DDA Datasheet HTML 6Page - Texas Instruments TPS54340DDA Datasheet HTML 7Page - Texas Instruments TPS54340DDA Datasheet HTML 8Page - Texas Instruments TPS54340DDA Datasheet HTML 9Page - Texas Instruments TPS54340DDA Datasheet HTML 10Page - Texas Instruments TPS54340DDA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
−2.5
−2.3
−2.1
−1.9
−1.7
−1.5
−1.3
−1.1
−0.9
−0.7
−0.5
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 5 V, IEN = Threshold+50mV
G011
−5
−4.9
−4.8
−4.7
−4.6
−4.5
−4.4
−4.3
−4.2
−4.1
−4
−50
−25
0
25
50
75
100
125
150
Tj − Junction Temperature (°C)
VIN = 12 V, IEN = Threshold+50mV
G012
20
30
40
50
60
70
80
90
100
110
120
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G009
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G010
0
500
1000
1500
2000
2500
0
50
100
150
200
RT/CLK − Resistance (k
Ω)
G007
200
250
300
350
400
450
500
−50
−25
0
25
50
75
100
125
150
TJ − Junction Temperature (°C)
VIN = 12 V
G008
TPS54340
www.ti.com
SLVSBK0A – OCTOBER 2012 – REVISED FEBRUARY 2013
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY vs RT/CLK RESISTANCE
LOW FREQUENCY RANGE
EA TRANSCONDUCTANCE vs JUNCTION TEMPERATURE
Figure 7.
Figure 8.
EA TRANSCONDUCTANCE DURING SOFT-START vs
JUNCTION TEMPERATURE
EN PIN VOLTAGE vs JUNCTION TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT vs JUNCTION TEMPERATURE
EN PIN CURRENT vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54340


Similar Part No. - TPS54340DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340 TI-TPS54340 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results

Similar Description - TPS54340DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54240 TI-TPS54240_15 Datasheet
2Mb / 56P
[Old version datasheet]   TPS54240 3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode?
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com