Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61176RTER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61176RTER
Description  High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61176RTER Datasheet(HTML) 1 Page - Texas Instruments

  TPS61176RTER Datasheet HTML 1Page - Texas Instruments TPS61176RTER Datasheet HTML 2Page - Texas Instruments TPS61176RTER Datasheet HTML 3Page - Texas Instruments TPS61176RTER Datasheet HTML 4Page - Texas Instruments TPS61176RTER Datasheet HTML 5Page - Texas Instruments TPS61176RTER Datasheet HTML 6Page - Texas Instruments TPS61176RTER Datasheet HTML 7Page - Texas Instruments TPS61176RTER Datasheet HTML 8Page - Texas Instruments TPS61176RTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SW
PGND
OVP
VIN
ISET
L1
4.7uH
D1
IFB1
IFB2
IFB3
IFB4
IFB5
IFB6
GND
C1
2.2uF
C2
4.7uF
R1
51k
VIN
C3
1uF
2.7V ~ 6.5V
Up to 38V
COMP
C4
0.47uF
PWM / EN
PWM
MODE / FAULT
R2
1.3M
VLDO
TPS61176
R3
1M
R4
43k
TPS61176
www.ti.com
SLVSBM5 – DECEMBER 2012
High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
Check for Samples: TPS61176
1
FEATURES
DESCRIPTION
The TPS61176 is a highly integrated multi-channel
2.7V to 6.5V VIN Voltage Range
WLED backlight driver for tablet or notebook PCs,
2.7V to 24V Boost Input Voltage Range
which can support single-cell battery input directly. It
Integrated 2A/40V MOSFET
comprises a high efficient boost converter with an
integrated 2A/40V power MOSFET and six current
1MHz Switching Frequency
sink regulators. In total, the device can drive up to 60
Adaptive Boost Output to WLED Voltages
WLEDs with high current matching performance. In
Six Current Sinks of 35mA Capability Each
addition, the boost automatically adjusts its output
voltage to the WLED forward voltage to improve
±2% (Max) Current Accuracy
efficiency.
1.3% (Typ) Current Matching
TPS61176
adopts
mixed
dimming
mode.
The
Wide PWM Dimming Frequency Range
automatic switch between PWM dimming at low
from 100Hz to 22kHz
dimming duty cycle and analog dimming at high
Mixed Dimming Mode: Automatic Switch
dimming duty cycle increases the overall electrical-to-
between Analog Dimming and PWM Dimming
optical efficiency, reducing the power budget for
backlight remarkably. The switch point can be
Programmable Switch Point: 25% / 12.5%
programmed to 12.5% or 25% and the PWM dimming
Programmable PWM Dimming Mode: 22kHz
mode
can
be
programmed
to
fixed
frequency
PWM Dimming / Direct PWM Dimming
dimming or direct PWM dimming. TPS61176 supports
Up to 14-bit Dimming Resolution
up
to
14-bit
dimming
resolution,
which
avoids
potential
flickering
perception
during
the
low
Support down to 1% Dimming Duty Cycle
brightness dimming.
Input PWM Glitch Filter
By providing a driver for an external isolation P-
Up to 90% Efficiency
channel
MOSFET,
TPS61176
can
support
true
Driver for Input / Output Isolation PFET for
shutdown. When the IC is disabled or the boost
True Shutdown
output is short to ground, the isolation PFET can be
Built-in Soft Start
turned off to cut off the power path from battery to the
WLEDs, preventing any leakage current from the
Built-in WLED Open / Short Protection
battery. TPS61176 also integrates soft start, WLED
Thermal Shutdown
open and short protection and thermal shut down.
Support 4.7µH Inductor
TPS61176 is in a 16 pin 3mm x 3mm QFN package,
16L 3 mm x 3 mm QFN package
providing
a
space-saving
and
high-performance
WLED driver solution.
APPLICATIONS
TYPICAL APPLICATION
Tablet Backlight
Notebook Backlight
Backlight for Small and Media Form Factor
LCD Display with Single-Cell or Multi-Cell
Battery Input
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61176RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61176RTER TI1-TPS61176RTER Datasheet
1Mb / 34P
[Old version datasheet]   High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
More results

Similar Description - TPS61176RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61176 TI1-TPS61176_15 Datasheet
1Mb / 34P
[Old version datasheet]   High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
logo
Texas Instruments
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com