Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61310YFF Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61310YFF
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61310YFF Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61310YFF Datasheet HTML 2Page - Texas Instruments TPS61310YFF Datasheet HTML 3Page - Texas Instruments TPS61310YFF Datasheet HTML 4Page - Texas Instruments TPS61310YFF Datasheet HTML 5Page - Texas Instruments TPS61310YFF Datasheet HTML 6Page - Texas Instruments TPS61310YFF Datasheet HTML 7Page - Texas Instruments TPS61310YFF Datasheet HTML 8Page - Texas Instruments TPS61310YFF Datasheet HTML 9Page - Texas Instruments TPS61310YFF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Sr P
Sr
tfDA
trDA
thd;DAT
tsu;STA
thd;STA
tsu;DAT
tsu;STO
trCL1
tfCL
tHIGH
tLOW
tLOW
tHIGH
trCL
trCL1
=MCSCurrentSourcePull-Up
=R(P) ResistorPull-Up
SDAH
SCLH
NoteA:FirstrisingedgeoftheSCLHsignalafterSrandaftereachacknowledgebit.
SeeNoteA
SeeNoteA
tf
tLOW
tr
thd;STA
thd;DAT
tsu;DAT
tf
HIGH
tsu;STA
S
Sr
P
S
thd;STA
tr
tBUF
tsu;STO
SDA
SCL
TPS61310, TPS61311
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
www.ti.com
I
2C INTERFACE TIMING CHARACTERISTICS(1) (continued)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
20 + 0.1 CB
1000
ns
Rise Time of SCL Signal After a
Fast mode
20 + 0.1 CB
300
ns
tRCL1
Repeated START Condition and After
High-speed mode, CB – 100pF max
10
80
ns
an Acknowledge BIT
High-speed mode, CB – 400pF max
20
160
ns
Standard mode
20 + 0.1 CB
300
ns
Fast mode
20 + 0.1 CB
300
ns
tFCL
Fall Time of SCL Signal
High-speed mode, CB – 100pF max
10
40
ns
High-speed mode, CB – 400pF max
20
80
ns
Standard mode
20 + 0.1 CB
1000
ns
Fast mode
20 + 0.1 CB
300
ns
tRDA
Rise Time of SDA Signal
High-speed mode, CB – 100pF max
10
80
ns
High-speed mode, CB – 400pF max
20
160
ns
Standard mode
20 + 0.1 CB
300
ns
Fast mode
20 + 0.1 CB
300
ns
tFDA
Fall Time of SDA Signal
High-speed mode, CB – 100pF max
10
80
ns
High-speed mode, CB – 400pF max
20
160
ns
Standard mode
4
μs
tSU, tSTO Setup Time for STOP Condition
Fast mode
600
ns
High-speed mode
160
ns
CB
Capacitive Load for SDA and SCL
400
pF
I
2C TIMING DIAGRAMS
Figure 2. Serial Interface Timing for F/S-Mode
Figure 3. Serial Interface Timing for H/S-Mode
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS61310 TPS61311


Similar Part No. - TPS61310YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61310YFF TI-TPS61310YFF Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFT TI-TPS61310YFFT Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results

Similar Description - TPS61310YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
OSRAM GmbH
CWCBLPM1.W1 OSRAM-CWCBLPM1.W1 Datasheet
865Kb / 23P
   Camera Flash and Video Light
CWCBLPM1.E1 OSRAM-CWCBLPM1.E1 Datasheet
801Kb / 23P
   Camera Flash and Video Light
LTCN5M-GAHB-25-1 OSRAM-LTCN5M-GAHB-25-1 Datasheet
1Mb / 21P
   Camera Flash and Video Light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com