Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62730 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62730
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62730 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62730_12 Datasheet HTML 1Page - Texas Instruments TPS62730_12 Datasheet HTML 2Page - Texas Instruments TPS62730_12 Datasheet HTML 3Page - Texas Instruments TPS62730_12 Datasheet HTML 4Page - Texas Instruments TPS62730_12 Datasheet HTML 5Page - Texas Instruments TPS62730_12 Datasheet HTML 6Page - Texas Instruments TPS62730_12 Datasheet HTML 7Page - Texas Instruments TPS62730_12 Datasheet HTML 8Page - Texas Instruments TPS62730_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
I
With TPS62730
BAT
15
17
19
21
23
25
27
29
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
Battery Voltage - V
BAT
Battery Current
Reduction @
CC2540
0dBm CW TX
Power
Battery Current Reduction of CC2540
2.4GHz Bluetooth Low Energy
System-On-Chip Solution
I
NO TPS62730
BAT
TPS62730
VIN
ON/BYP
STAT
GND
VOUT
SW
V
2.1V
OUT
V
2.2V - 3.9V*
IN
C
2.2
IN
µF
C
2.2
OUT
µF
L 2.2 H
m
ON
BYP
* At V < 2.2V, V
tracks V
IN
OUT
IN
R
pullup
TPS62732, TPS62733
TPS62730
www.ti.com
SLVSAC3C – MAY 2011 – REVISED DECEMBER 2012
Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
Check for Samples: TPS62732, TPS62733, TPS62730
1
FEATURES
DESCRIPTION
The TPS62730 is a high frequency synchronous step
2
Input Voltage Range VIN from 1.9V to 3.9V
down DC-DC converter optimized for ultra low power
Typ. 30 nA Ultra Low Power Bypass Mode
wireless applications. The device is optimized to
Typ. 25
μA DC/DC Quiescent Current
supply TI's Low Power Wireless sub 1GHz and
2.4GHz
RF
transceivers
and
System-On-Chip-
Internal Feedback Divider Disconnect
solutions.
The
TPS62730
reduces
the
current
Typ. 2.1
Ω Bypass Switch between VIN and VOUT
consumption drawn from the battery during TX and
Automatic Transition from DC/DC to Bypass
RX mode by a high efficient step down voltage
Mode
conversion. It provides up to 100mA output current
and allows the use of tiny and low cost chip inductors
Up To 3MHz switch frequency
and capacitors. With an input voltage range of 1.9V to
Up to 95% DC/DC Efficiency
3.9V
the
device
supports
Li-primary
battery
Open Drain Status Output STAT
chemistries such as Li-SOCl2, Li-SO2, Li-MnO2 and
also two cell alkaline batteries.
Output Peak Current up to 100mA
Fixed Output Voltages 1.9V, 2.05V, 2.1V, 2.3V
The TPS62730 features an Ultra Low Power bypass
mode with typical 30nA current consumption to
Small External Output Filter Components
support sleep and low power modes of TI's CC2540
2.2
μH/ 2.2μF
Bluetooth Low Energy and CC430 System-On-Chip
Optimized For Low Output Ripple Voltage
solutions. In this bypass mode, the output capacitor
Small 1 × 1.5 × 0.6mm3 SON Package
of
the
DC/DC
converter
is
connected
via
an
integrated typ. 2.1
Ω Bypass switch to the battery.
12 mm2 Minimum Solution Size
In DC/DC operation mode the device provides a fixed
APPLICATIONS
output voltage to the system. With a switch frequency
up to 3MHz, the TPS62730 features low output ripple
CC2540 Bluetooth™ Low Energy
voltage and low noise even with a small 2.2uF output
System-On-Chip Solution
capacitor. The automatic transition into bypass mode
Low Power Wireless Applications
during DC/DC operation prevents an increase of
output ripple voltage and noise once the DC/DC
RF4CE, Metering
converter operates close to 100% duty cycle. The
device automatically enters bypass mode once the
battery voltage falls below the transition threshold
VIT BYP . The TPS62730 is available in a 1 × 1.5mm
2
6 pin QFN package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a trademark of Bluetooth SIG.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62730_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
More results

Similar Description - TPS62730_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com