Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65090A Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65090A
Description  Frontend PMU With Switchmode Charger for 2-3 Cells In Series
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65090A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65090A Datasheet HTML 4Page - Texas Instruments TPS65090A Datasheet HTML 5Page - Texas Instruments TPS65090A Datasheet HTML 6Page - Texas Instruments TPS65090A Datasheet HTML 7Page - Texas Instruments TPS65090A Datasheet HTML 8Page - Texas Instruments TPS65090A Datasheet HTML 9Page - Texas Instruments TPS65090A Datasheet HTML 10Page - Texas Instruments TPS65090A Datasheet HTML 11Page - Texas Instruments TPS65090A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
TPS65090A
SLVSBO6 – JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS - CHARGER (continued)
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDSON Low side switch on resistance
60
m
Ω
CHARGER - CONTROL
Precharge timer
1600
1800
2000
s
Fastcharge safety timer programming range
2
10
h
Fastcharge safety timer accuracy
10%
FASTTIME = 000, default setting
2
h
FASTTIME = 001
3
h
FASTTIME = 010
4
h
FASTTIME = 011
5
h
I2C programmable values for fastcharge safety
timer
FASTTIME = 100
6
h
FASTTIME = 101
7
h
FASTTIME = 110
8
h
FASTTIME = 111
10
h
Battery detection discharge timer
1
s
Battery detection discharge current
5
20
mA
Battery detection discharge current after timer
2
mA
fault
Battery detection discharge feedback voltage
VFBCL
1.43
1.45
1.47
V
threshold for battery ok
Battery feedback voltage threshold for precharge
1.43
1.45
1.47
V
to fastcharge transition
Battery detection charge timer
0.5
s
Battery detection charge current sense
VSRP - VSRN = 2 mV typical, TJ < 100 °C
0.5
2
3.8
mV
regulation voltage
VSET = 00
1.925
1.95
1.975
VSET = 01
1.975
2.0
2.025
Battery detection charge feedback voltage
V
threshold for battery ok
VSET = 10
2.0
2.025
2.05
VSET = 11
2.025
2.05
2.075
Minimum battery feedback voltage for battery
voltage at FBC increasing
1.44
1.5
1.54
V
good detection
Maximum battery feedback voltage for battery
voltage at FBC increasing
2.18
2.25
2.28
V
good detection
Battery cell temperature measurement, ratio of
sensor temperature is -10°C, T_SET =
VTS1,2 compared to VREFTS, I2C programming
71.9
72.4
72.9
%
000
option for T1
sensor temperature is -10°C, voltage
Voltage ratio threshold hysteresis
0.2
%
decreasing
Battery cell temperature measurement, ratio of
default value, Sensor temperature is 0°C,
T1
70.4
71.0
71.5
%
VTS1,2 compared to VREFTS
T_SET = 001
sensor temperature is 0°C, voltage
Voltage ratio threshold hysteresis
0.2
%
decreasing
Battery cell temperature measurement, ratio of
default value, Sensor temperature is
T2
68.1
68.7
69.2
%
VTS1,2 compared to VREFTS
10°C, T_SET = 010
sensor temperature is 10°C, voltage
Voltage ratio threshold hysteresis
0.4
%
decreasing
Battery cell temperature measurement, ratio of
sensor temperature is 15°C, T_SET =
VTS1,2 compared to VREFTS, I2C programming
67.0
67.4
67.9
%
011
option for T2
sensor temperature is 15°C, voltage
Voltage ratio threshold hysteresis
0.4
%
decreasing
8
DEVICE SPECIFICATION
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - TPS65090A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090A TI-TPS65090A Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090A TI1-TPS65090A Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090ARVNR TI-TPS65090ARVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090ARVNR TI1-TPS65090ARVNR Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090ARVNT TI-TPS65090ARVNT Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
More results

Similar Description - TPS65090A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090RVNR TI-TPS65090RVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090 TI1-TPS65090 Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
logo
Global Mixed-mode Techn...
G2206 GMT-G2206 Datasheet
117Kb / 1P
   63 Channels PMU and Li-ion Battery Charger for DSC
logo
Shenzhen Huazhimei Semi...
HM5082 HMSEMI-HM5082 Datasheet
1Mb / 9P
   3A Synchronous Buck 2 Cells Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
logo
Monolithic Power System...
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
   2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
logo
Seaward Electronics Inc...
SE9093 SEAWARD-SE9093 Datasheet
313Kb / 6P
   8-Pin PMU with Linear Charger and Synchronous Boost
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Active-Semi, Inc
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
   Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com