Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS626985YFDT Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS626985YFDT
Description  800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS626985YFDT Datasheet(HTML) 2 Page - Texas Instruments

  TPS626985YFDT Datasheet HTML 1Page - Texas Instruments TPS626985YFDT Datasheet HTML 2Page - Texas Instruments TPS626985YFDT Datasheet HTML 3Page - Texas Instruments TPS626985YFDT Datasheet HTML 4Page - Texas Instruments TPS626985YFDT Datasheet HTML 5Page - Texas Instruments TPS626985YFDT Datasheet HTML 6Page - Texas Instruments TPS626985YFDT Datasheet HTML 7Page - Texas Instruments TPS626985YFDT Datasheet HTML 8Page - Texas Instruments TPS626985YFDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS62692, TPS62693
TPS62694, TPS62698
SLVSAZ1 – DECEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PACKAGE
PART
OUTPUT
DEVICE
TA
ORDERING(3)
MARKING
NUMBER
VOLTAGE(2)
SPECIFIC FEATURE
CHIP CODE
800 mA peak output current
Output Discharge
-40°C to 85°C
TPS62692
2.2(4)
TPS62692YFD
TW
Spread Spectrum Frequency
Modulation
800 mA peak output current
Output Discharge
-40°C to 85°C
TPS62693
2.85
TPS62693YFD
UD
Spread Spectrum Frequency
Modulation
800 mA peak output current
Output Discharge
-40°C to 85°C
TPS62694
2.95(4)
TPS62694YFD
B6
Spread Spectrum Frequency
Modulation
800 mA peak output current
-40°C to 85°C
TPS62698
3.0
TPS62698YFD
B7
Output Discharge
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Internal tap points are available to facilitate output voltages in 25mV increments.
(3)
The YFD package is available in tape and reel. Add a R suffix (e.g. TPS62692YFDR) to order quantities of 3000 parts. Add a T suffix
(e.g. TPS62692YFDT) to order quantities of 250 parts.
(4)
Product preview. Contact TI factory for more information.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage at VIN(2)(3), SW(3)
–0.3
6
V
Input Voltage
Voltage at FB(4)
–0.3
3.6
V
Voltage at EN, MODE (3)
–0.3
VI + 0.3
V
Peak output current, IO
800(4)
mA
Power dissipation
Internally limited
Operating temperature range, TA
(5)
–40
85
°C
Operating junction temperature, TJ
150
°C
Storage temperature range, Tstg
–65
150
°C
Human body model
2
kV
ESD(6)
Charge device model
1
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Operation above 4.8V input voltage is not recommended over an extended period of time.
(3)
All voltage values are with respect to network ground terminal.
(4)
Limited to 50% Duty Cycle over Lifetime.
(5)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve optimum performance, it is
recommended to operate the device with a maximum junction temperature of 105°C.
(6)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS62692 TPS62693 TPS62694 TPS62698


Similar Part No. - TPS626985YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS626985YFDT TI1-TPS626985YFDT Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS626985YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com