Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65090ARVNT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65090ARVNT
Description  Frontend PMU With Switchmode Charger for 2-3 Cells In Series
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65090ARVNT Datasheet(HTML) 2 Page - Texas Instruments

  TPS65090ARVNT Datasheet HTML 1Page - Texas Instruments TPS65090ARVNT Datasheet HTML 2Page - Texas Instruments TPS65090ARVNT Datasheet HTML 3Page - Texas Instruments TPS65090ARVNT Datasheet HTML 4Page - Texas Instruments TPS65090ARVNT Datasheet HTML 5Page - Texas Instruments TPS65090ARVNT Datasheet HTML 6Page - Texas Instruments TPS65090ARVNT Datasheet HTML 7Page - Texas Instruments TPS65090ARVNT Datasheet HTML 8Page - Texas Instruments TPS65090ARVNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
TPS65090A
www.ti.com
SLVSBO6 – JANUARY 2013
Frontend PMU With Switchmode Charger for 2-3 Cells In Series
1
INTRODUCTION
1.1
FEATURES
1
• Wide Input Voltage Charger/Power Path
• 7 Current Limited Load Switches:
Management:
– One System Voltage Switch with 1 A Current
– VIN Range From 6 V to 17 V
Limit
– Up to 4 A Output Current on the Power Path
– One 5 V Switch with 200 mA Current Limit,
reverse voltage protected
– Switchmode Charger; up to 4 A Maximum
Charge Current
– One 3.3 V Switch with 3 A Current Limit
– JEITA Compliant Charging Control
– Four 3.3 V Switches with 1 A Current Limit
– Thermal Regulation, Safety Timers
– All Switches Controlled by I2C Interface
– 2 Temperature Sense Inputs
• I2C Interface
• 3 Step-Down Converters:
– Standard-mode (100 kHz) supported
– High Efficiency over a wide Output Current
– Fast-mode (400 kHz) supported
Range
– Fast-mode Plus (1000 kHz) supported
– VIN Range From 6 V to 17 V
– High speed (3.4 MHz) supported
– 2 Fixed Output Voltages ( 5 V and 3.3 V)
• 16 Channel 10 Bit A/D Converter
Up to 5 A of Continuous Output Current
• Available in a 9 x 9-mm, QFN-100 Package
– 1 Adjustable Output Voltage (between 1.0V
and 5.0V)
1.2
APPLICATIONS
Up to 4 A of Continuous Output Current
Battery Powered Products using 2 to 3 Li-Cells
– Output Voltage Accuracy ±1%
in Series
– Typical 30
μA Quiescent Current per
Notebook Computer
Converter
Mobile PC's and Mobile Internet Devices
• 2 Always On LDO's:
Industrial Metering Equipment
– 2 Fixed Output Voltages ( 5 V and 3.3 V)
– Output Voltage Accuracy ±1%
Personal Medical Products
– Typical 10
μA Quiescent Current per LDO
1.3
DESCRIPTION
The TPS65090A is a single chip Power Management ICs for portable applications consisting of a battery
charger with power path management for a dual or triple Li-Ion or Li-Polymer cell battery pack. The
charger can be directly connected to an external wall adapter. Three highly efficient step-down converters
are targeted for providing a fixed 5 V system voltage, a fixed 3.3 V system voltage and an adjustable
voltage rail. The step-down converters enter a low power mode at light load for maximum efficiency across
the widest possible range of load currents. The step-down converters allow the use of small inductors and
capacitors to achieve a small solution size. The TPS65090A also integrates two general purpose always
on LDOs for powering circuit blocks which control the system while shut down. Each LDO operates with
an input voltage range between 6 V and 17 V allowing them to be supplied from the wall adapter or
directly from the main battery pack.
The device also has 7 load switches built-in. They can be used to control the power supply individually for
certain circuit blocks in the application circuit. The current flowing through the load switches, as well as the
output current of the step-down converters, the input current from the AC adaptor and the charge current
is monitored and can be read out using the digital interface.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TPS65090ARVNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090ARVNT TI-TPS65090ARVNT Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090ARVNT TI1-TPS65090ARVNT Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
More results

Similar Description - TPS65090ARVNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090RVNR TI-TPS65090RVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090 TI1-TPS65090 Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
logo
Global Mixed-mode Techn...
G2206 GMT-G2206 Datasheet
117Kb / 1P
   63 Channels PMU and Li-ion Battery Charger for DSC
logo
Shenzhen Huazhimei Semi...
HM5082 HMSEMI-HM5082 Datasheet
1Mb / 9P
   3A Synchronous Buck 2 Cells Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
logo
Monolithic Power System...
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
   2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
logo
Seaward Electronics Inc...
SE9093 SEAWARD-SE9093 Datasheet
313Kb / 6P
   8-Pin PMU with Linear Charger and Synchronous Boost
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Active-Semi, Inc
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
   Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com