Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62732DRYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62732DRYR
Description  Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62732DRYR Datasheet(HTML) 3 Page - Texas Instruments

  TPS62732DRYR Datasheet HTML 1Page - Texas Instruments TPS62732DRYR Datasheet HTML 2Page - Texas Instruments TPS62732DRYR Datasheet HTML 3Page - Texas Instruments TPS62732DRYR Datasheet HTML 4Page - Texas Instruments TPS62732DRYR Datasheet HTML 5Page - Texas Instruments TPS62732DRYR Datasheet HTML 6Page - Texas Instruments TPS62732DRYR Datasheet HTML 7Page - Texas Instruments TPS62732DRYR Datasheet HTML 8Page - Texas Instruments TPS62732DRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS62732, TPS62733
TPS62730
www.ti.com
SLVSAC3C – MAY 2011 – REVISED DECEMBER 2012
RECOMMENDED OPERATING CONDITIONS
operating ambient temperature TA = –40 to 85°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage VIN
1.9
3.9
V
Effective inductance
1.5
2.2
3
μH
Effective output capacitance connected to VOUT
1.0
10
μF
Operating junction temperature range, TJ
–40
125
°C
TA Operating free air temperature range
-40
85
ELECTRICAL CHARACTERISTICS
VIN = 3.0V, VOUT = 2.1V, ON/BYP = VIN, TA = –40°C to 85°C typical values are at TA = 25°C (unless otherwise noted), CIN =
2.2
μF, L = 2.2μH, COUT = 2.2μF, see parameter measurement information
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
SUPPLY
VIN
Input voltage range
1.9
3.9
V
ON/BYP = high, IOUT = 0mA. VIN = 3V
25
40
device not switching
IOUT = 0mA. device switching, VIN = 3.0V,
IQ
Operating quiescent current
μA
34
VOUT = 2.1V
ON/BYP = high, Bypass switch active, VIN =
23
VOUT = 2.1V
ISD
Shutdown current, Bypass Switch Activated(1)
ON/BYP = GND, leakage current into VIN
30
550
nA
ON/BYP = GND, leakage current into VIN,
110
TA = 60°C
ON/BYP
VIH TH
Threshold for detecting high ON/BYP
1.9 V
≤ VIN ≤ 3.9V , rising edge
0.8
1
V
VIL TH
Threshold for detecting low ON/BYP
1.9 V
≤ VIN ≤ 3.9V , falling edge
0.4
0.6
V
IIN
Input bias Current
0
50
nA
POWER SWITCH
High side MOSFET on-resistance
600
RDS(ON)
VIN = 3.0V
m
Low Side MOSFET on-resistance
350
Forward current limit MOSFET high-side
410
mA
ILIMF
VIN = 3.0V, open loop
Forward current limit MOSFET low side
410
mA
BYPASS SWITCH
RDS(ON) Bypass Switch on-resistance
VIN = 2.1V, IOUT = 20mA, TJmax = 85°C
2.9
3.8
VIN = 3V
2.1
VIT BYP
Automatic Bypass Switch Transition
ON/BYP =
TPS62730 (2.1V)
ON / falling VIN
2.14
2.20
2.3
Threshold (Activation / Deactivation)
high
OFF/ rising VIN
2.19
2.25
2.35
TPS62731 (2.05V)
ON / falling VIN
2.15
OFF / rising VIN
2.20
TPS62732 (1.9V)
ON / falling VIN
2.05
OFF / rising VIN
2.10
V
TPS62733 (2.3V)
ON / falling VIN
2.41
OFF/ rising VIN
2.48
TPS62734 (2.1V)
ON / falling VIN
2.23
OFF / rising VIN
2.28
TPS62735 (2.3V)
ON / falling VIN
2.23
OFF / rising VIN
2.33
(1)
Shutdown current into VIN pin, includes internal leakage
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62732 TPS62733 TPS62730


Similar Part No. - TPS62732DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62732DRY TI1-TPS62732DRY Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
More results

Similar Description - TPS62732DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com