Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82671 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82671
Description  600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS82671 Datasheet(HTML) 2 Page - Texas Instruments

  TPS82671 Datasheet HTML 1Page - Texas Instruments TPS82671 Datasheet HTML 2Page - Texas Instruments TPS82671 Datasheet HTML 3Page - Texas Instruments TPS82671 Datasheet HTML 4Page - Texas Instruments TPS82671 Datasheet HTML 5Page - Texas Instruments TPS82671 Datasheet HTML 6Page - Texas Instruments TPS82671 Datasheet HTML 7Page - Texas Instruments TPS82671 Datasheet HTML 8Page - Texas Instruments TPS82671 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS82670, TPS82671, TPS82672, TPS82673, TPS82674
TPS82675, TPS82676, TPS82677, TPS826711, TPS826745, TPS826765
SLVSAI0F – OCTOBER 2010 – REVISED NOVEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION (1)
PART
OUTPUT
DEVICE
PACKAGE
TA
ORDERING(3)
NUMBER
VOLTAGE(2)
SPECIFIC FEATURE
MARKING
PWM Spread Spectrum Modulation
TPS82670
1.86V
Low PFM Output Ripple Voltage
TPS82670SIP
YK
Output Capacitor Discharge
PWM Spread Spectrum Modulation
TPS82671
1.8V
TPS82671SIP
RA
Low PFM Output Ripple Voltage
PWM Spread Spectrum Modulation
TPS826711
1.8V
Low PFM Output Ripple Voltage
TPS826711SIP
YW
Output Capacitor Discharge
PWM Spread Spectrum Modulation
TPS82672
1.5V
TPS82672SIP
WD
Low PFM Output Ripple Voltage
PWM Spread Spectrum Modulation
TPS82673
1.26V
Low PFM Output Ripple Voltage
TPS82673SIP
YL
Output Capacitor Discharge
PWM Spread Spectrum Modulation
TPS82674
1.2V
Low PFM Output Ripple Voltage
TPS82674SIP
SW
-40°C to 85°C
Output Capacitor Discharge
PWM Spread Spectrum Modulation
TPS826745
1.225V
Low PFM Output Ripple Voltage
TPS826745SIP
B5
Output Capacitor Discharge
PWM Spread Spectrum Modulation
TPS82675
1.2V
TPS82675SIP
RB
Low PFM Output Ripple Voltage
PWM Spread Spectrum Modulation
TPS82676
1.1V
Low PFM Output Ripple Voltage
TPS82676SIP
TU
Output Capacitor Discharge
TPS82677
1.2V
Output Capacitor Discharge
TPS82677SIP
SK
PWM Spread Spectrum Modulation
TPS82678(4)
1.35V
TPS82678SIP
TN
Output Capacitor Discharge
PWM Spread Spectrum Modulation
TPS826765
1.05V
Low PFM Output Ripple Voltage
TPS826765SIP
AN
Output Capacitor Discharge
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Internal tap points are available to facilitate output voltages in 25mV increments.
(3)
The SIP package is available in tape and reel. Add a R suffix (e.g. TPS82671SIPR) to order quantities of 3000 parts. Add a T suffix (e.g.
TPS82671SIPT) to order quantities of 250 parts.
(4)
Product Preview
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711 TPS826745 TPS826765


Similar Part No. - TPS82671

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671 TI1-TPS82671 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
More results

Similar Description - TPS82671

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com