Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92560 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92560
Description  SIMPLE LED DRIVER FOR MR16 AND AR111 APPLICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92560 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92560 Datasheet HTML 2Page - Texas Instruments TPS92560 Datasheet HTML 3Page - Texas Instruments TPS92560 Datasheet HTML 4Page - Texas Instruments TPS92560 Datasheet HTML 5Page - Texas Instruments TPS92560 Datasheet HTML 6Page - Texas Instruments TPS92560 Datasheet HTML 7Page - Texas Instruments TPS92560 Datasheet HTML 8Page - Texas Instruments TPS92560 Datasheet HTML 9Page - Texas Instruments TPS92560 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TPS92560
SNVS900A – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Specification with standard type are for TA=TJ= 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum are specified through test, design or statistical correlation. Typical values
represent the most likely parametric norm at TJ= 25°C, and are provided for reference purposes only. Unless otherwise stated
the following conditions apply: VVP = 12V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Turn ON Voltage Threshold of AC1 and
VACn-ON-TH
VACn Decreasing
36
52
67
mV
AC2
Turn OFF Voltage Threshold of AC1
VACn-OFF-TH
VACn Increasing
77
90
104
mV
and AC2
VACn-TH-HYS
Hysteresis Voltage of AC1 and AC2
VACn-OFF-TH - VACn-ON-TH
39
mV
IACn-OFF
Off Current of AC1 and AC2
VACn = 45V
21
32
µA
OUTPUT OVER-VOLTAGE-PROTECTION (OVP)
Output Over-Voltage-Detection Upper
VADJ-OVP-UPTH
VADJ Increasing, VGATE at falling edge
0.353
0.384
0.415
V
Threshold
Output Over-Voltage-Detection Lower
VADJ-OVP-LOTH
VADJ Decreasing, VGATE at rising edge
0.312
0.339
0.366
V
Threshold
Output Over-Voltage-Detection
VADJ-OVP-HYS
VADJ-OVP-UPTH - VADJ-OVP-LOTH
25
46
67
mV
Hysteresis
THERMAL SHUTDOWN
TSD
Thermal Shutdown Temperature
TJ Rising
165
°C
Thermal Shutdown Temperature
TSD-HYS
TJ Falling
30
°C
Hysteresis
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :TPS92560


Similar Part No. - TPS92560

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92560 TI1-TPS92560 Datasheet
817Kb / 23P
[Old version datasheet]   Simple Led Driver
More results

Similar Description - TPS92560

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TND373 ONSEMI-TND373 Datasheet
410Kb / 14P
   1W to 5W LED Driver for MR16 LED
Rev.0, Oct-2009
logo
Shenzhen Huazhimei Semi...
HM4117 HMSEMI-HM4117 Datasheet
600Kb / 8P
   MR16 LED
logo
Maxim Integrated Produc...
MAX31840 MAXIM-MAX31840 Datasheet
470Kb / 13P
   MR16 LED Driver with Integrated Control MOSFET and Deep Dimming
Rev 0; 6/17
MAX16840_1108 MAXIM-MAX16840_1108 Datasheet
927Kb / 1P
   LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 3; 8/11
MAX16840 MAXIM-MAX16840 Datasheet
996Kb / 1P
   LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 1; 2/11
logo
Cree, Inc
LM16 CREE-LM16 Datasheet
387Kb / 3P
   LED MR16 Lamp
01/04/2013
logo
Texas Instruments
TPS92560 TI1-TPS92560 Datasheet
817Kb / 23P
[Old version datasheet]   Simple Led Driver
logo
NXP Semiconductors
AN11411 PHILIPS-AN11411_15 Datasheet
175Kb / 26P
   SSL3401HN dimmable driver for MR16/12 V GU5.3
Rev. 1-23 January 2014
logo
Diodes Incorporated
AL8823 DIODES-AL8823 Datasheet
331Kb / 14P
   MR16 SINGLE BOOST LED CONTROLLER
logo
List of Unclassifed Man...
MR16X-005-3000 ETC2-MR16X-005-3000 Datasheet
300Kb / 5P
   5W MR16 High Power LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com