Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92690 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92690
Description  N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92690 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS92690 Datasheet HTML 3Page - Texas Instruments TPS92690 Datasheet HTML 4Page - Texas Instruments TPS92690 Datasheet HTML 5Page - Texas Instruments TPS92690 Datasheet HTML 6Page - Texas Instruments TPS92690 Datasheet HTML 7Page - Texas Instruments TPS92690 Datasheet HTML 8Page - Texas Instruments TPS92690 Datasheet HTML 9Page - Texas Instruments TPS92690 Datasheet HTML 10Page - Texas Instruments TPS92690 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
200
400
600
800
20
40
60
80
100
PWM Duty Cycle (%)
1A Nominal
G000
200
400
600
800
0.0
0.5
1.0
1.5
2.0
2.5
IADJ Voltage (V)
G000
495
497
499
501
503
505
10
15
20
25
30
35
Input Voltage (V)
12 LEDs
G000
300
400
500
600
700
800
900
1000
40
60
80
100
120
140
160
RT Resistance (k
Ω)
G000
85
87
89
91
93
95
8
12
16
20
24
28
32
36
Input Voltage (V)
12 LEDs
500mA
G000
85
87
89
91
93
95
8
10
12
14
16
Input Voltage (V)
6 LEDs
500mA
G000
TPS92690
www.ti.com
SLVSBK3 – DECEMBER 2012
TYPICAL CHARACTERISTICS
Unless otherwise noted, –40°C
≤ TA = TJ≤ +125°C, VIN = 14 V, CBYP = 2.2 µF, CCOMP = 0.1 µF
Figure 1. Boost Efficiency vs Input Voltage
Figure 2. Boost Efficiency vs Input Voltage
Figure 3. Boost Line Regulation
Figure 4. Switching Frequency vs RT Resistance
Figure 5. 160 Hz Boost PWM Dimming
Figure 6. IADJ Analog Dimming (RCS = 0.25 Ω)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :TPS92690


Similar Part No. - TPS92690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690Q1PWP TI1-TPS92690Q1PWP Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690Q1PWPR TI1-TPS92690Q1PWPR Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
More results

Similar Description - TPS92690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
logo
Richtek Technology Corp...
RT8457A RICHTEK-RT8457A Datasheet
141Kb / 11P
   Isolated Secondary-Side LED Lighting Dimmable Current Controller
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
logo
Micrel Semiconductor
MAQ3203YM MICREL-MAQ3203YM Datasheet
786Kb / 23P
   High-Brightness LED Driver Controller with High-Side Current Sense
MAQ3203 MICREL-MAQ3203_15 Datasheet
1Mb / 23P
   High-Brightness LED Driver Controller with High-Side Current Sense
MAQ3203 MICREL-MAQ3203 Datasheet
786Kb / 23P
   High-Brightness LED Driver Controller with High-Side Current Sense
MIC3203 MICREL-MIC3203 Datasheet
767Kb / 21P
   High-Brightness LED Driver Controller with High-Side Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com