Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92640PWP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS92640PWP
Description  Synchronous Buck Controllers for Precision Dimming LED Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92640PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS92640PWP Datasheet HTML 1Page - Texas Instruments TPS92640PWP Datasheet HTML 2Page - Texas Instruments TPS92640PWP Datasheet HTML 3Page - Texas Instruments TPS92640PWP Datasheet HTML 4Page - Texas Instruments TPS92640PWP Datasheet HTML 5Page - Texas Instruments TPS92640PWP Datasheet HTML 6Page - Texas Instruments TPS92640PWP Datasheet HTML 7Page - Texas Instruments TPS92640PWP Datasheet HTML 8Page - Texas Instruments TPS92640PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN
RON
UDIM
VOUT
VREF
IADJ
COMP
SDIM
HG
DAP
SW
BOOT
VCC
LG
CS
GND
SDRV
TPS92641
PWP Package
(Top View)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
RON
UDIM
VOUT
VREF
IADJ
COMP
HG
DAP
SW
BOOT
VCC
LG
CS
GND
TPS92640
PWP Package
(Top View)
TPS92640
TPS92641
SNVS902 – NOVEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN CONFIGURATION
PIN FUNCTIONS
TPS92640
TPS92641
NAME
DESCRIPTION
1
1
VIN
Connect to input voltage. Connect 1µF bypass capacitor
2
2
RON
Connect a resistor to VIN and capacitor to GND to set switching frequency.
3
3
UDIM
Connect resistor divider from VIN to set under-voltage lockout threshold.
4
4
VOUT
Connect resistor divider from VOUT, scaled down feedback of VOUT.
5
5
VREF
Connect to top of resistor divider for IADJ. Bypass with 100nF ceramic capacitor.
6
6
IADJ
Connect resistor divider from VREF or directly to VREF to set analog dimming level. Can be used for
thermal fold-back also.
7
7
COMP
Connect ceramic capacitor to GND to set loop compensation.
8
SDIM
PWM dimming input for shunt FET dimming.
9
SDRV
Connect to gate of external parallel NFET across LED load used for shunt dimming if desired.
8
10
GND
System GND. Connect to DAP.
9
11
CS
Connect to positive terminal of sense resistor at the bottom of the LED stack.
10
12
LG
Connect to gate of low-side NFET of buck regulator.
11
13
VCC
Bypass with 2.2µF ceramic capacitor to provide bias supply for controller.
12
14
BOOT
Connect 100nF ceramic capacitor to switch node and diode to VCC to provide boosted voltage for
high-side gate drive.
13
15
SW
Connect to switch node of buck regulator.
14
16
HG
Connect to gate of high-side NFET of buck regulator.
DAP
Place 6-9 vias from pad to GND plane for thermal relief
Ordering Information
ORDER NUMBER
PACKAGE TYPE
PACKAGE DRAWING
SUPPLIED AS
TPS92640PWP
94 Units in Rail
TPS92640PWPT
14L TSSOP EXP PAD
MXA14A
250 Units on Tape and Reel
TPS92640PWPR
2500 Units on Tape and Reel
TPS92641PWP
92 Units in Rail
TPS92641PWPT
16L TSSOP EXP PAD
MXA16A
250 Units on Tape and Reel
TPS92641PWPR
2500 Units on Tape and Reel
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS92640 TPS92641


Similar Part No. - TPS92640PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640PWP TI1-TPS92640PWP Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWP TI1-TPS92640PWP Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWP/NOPB TI1-TPS92640PWP/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWPR TI1-TPS92640PWPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640PWPR TI1-TPS92640PWPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
More results

Similar Description - TPS92640PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640 TI1-TPS92640_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640 TI1-TPS92640_15 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com