Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92641PWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS92641PWPR
Description  Synchronous Buck Controllers for Precision Dimming LED Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92641PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS92641PWPR Datasheet HTML 1Page - Texas Instruments TPS92641PWPR Datasheet HTML 2Page - Texas Instruments TPS92641PWPR Datasheet HTML 3Page - Texas Instruments TPS92641PWPR Datasheet HTML 4Page - Texas Instruments TPS92641PWPR Datasheet HTML 5Page - Texas Instruments TPS92641PWPR Datasheet HTML 6Page - Texas Instruments TPS92641PWPR Datasheet HTML 7Page - Texas Instruments TPS92641PWPR Datasheet HTML 8Page - Texas Instruments TPS92641PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SDIM*
GND
UDIM
TPS92641
DAP
VIN
LED+
LED-
R2
R3
R1
C1
R4
R8
R7
C6
C8
R5
R6
C7
D2
Q1
Q2
Q3*
LED
LOAD
L1
C5
C2
C4
C3
D1
R10
*TPS92641 only
R9
HG
SW
BOOT
VCC
LG
CS
GND
SDRV
VIN
RON
UDIM
VOUT
VREF
IADJ
COMP
SDIM
TPS92640
TPS92641
www.ti.com
SNVS902 – NOVEMBER 2012
TPS92640 / TPS92641 Synchronous Buck Controllers for Precision Dimming LED Drivers
Check for Samples: TPS92640, TPS92641
1
FEATURES
DESCRIPTION
The TPS92640/41 are high voltage, synchronous
2
VIN range from 7V to 85V
NFET controllers for buck current regulators. Output
2
Ω, 1Apeak MOSFET gate drivers
current regulation is based on valley current-mode
Adjustable LED Current Sense voltage
control with a constant on-timer. This control method
eases
the
design
of
loop
compensation.
The
Input UVLO and output OVP
TPS92640/41
includes
a
high-voltage
start-up
Various dimming modes
regulator that operates over a wide input range of 7V
500:1 Analog Dimming
to 85V. The PWM controller is designed for high
speed capability including an oscillator frequency
2500:1 Standard PWM dimming
range up to 1.0 MHz. The TPS92640/41 is optimized
20000:1 Shunt FET PWM dimming
to give superior dimming performance with both
Shunt Dimming MOSFET gate driver
analog and PWM dimming. Both devices include an
error amplifier, precision reference, thermal shutdown
Programmable switching frequency
and low power shutdown mode. Additionally, the
Precision Voltage Reference
TPS92641 provides shunt FET dimming capability.
Low Power Shutdown Mode and Thermal
Shutdown
APPLICATIONS
LED Driver / Constant Current Regulator
Automotive LED Drivers
General LED Illumination
TYPICAL APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2012, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TPS92641PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92641PWPR TI1-TPS92641PWPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92641PWPR TI1-TPS92641PWPR Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92641PWPR/NOPB TI1-TPS92641PWPR/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
More results

Similar Description - TPS92641PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92640 TI1-TPS92640_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
TPS92640 TI1-TPS92640_15 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck Controllers for Precision Dimming LED Drivers
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Anpec Electronics Corop...
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
   Dual Synchronous Buck PWM Controllers
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
   2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
List of Unclassifed Man...
WS9822B ETC2-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
   Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com